Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4404EPA Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC4404EPA
Description  1.5A DUAL OPEN-DRAIN MOSFET DRIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4404EPA Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC4404EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4404EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4404EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4404EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4404EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4404EPA Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-222
TELCOM SEMICONDUCTOR, INC.
TC4404
TC4405
1.5A DUAL OPEN-DRAIN
MOSFET DRIVERS
Figure 1. Switching Time Test Circuit
+5V
INPUT
10%
90%
10%
90%
10%
90%
18V
OUTPUT
tD1
tF
tR
tD2
0V
0V
90%
10%
10%
10%
tD1
tR
tD2
tF
90%
+5V
INPUT
18V
OUTPUT
0V
0V
90%
OUTPUT
INPUT
0.1
µF
VDD
C = 1000 pF
L
4.7
µF
= 18V
INVERTING DRIVER
4
2,3
8,7
1
NONINVERTING DRIVER
1
2
INPUT: 100 kHz, square wave,
tRISE = tFALL ≤ 10 nsec


Similar Part No. - TC4404EPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4404EPA MICROCHIP-TC4404EPA Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
TC4404EPA MICROCHIP-TC4404EPA Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404EPA MICROCHIP-TC4404EPA Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
TC4404EPA MICROCHIP-TC4404EPA Datasheet
562Kb / 22P
   1.5A Dual Open-Drain MOSFET Drivers
07/14/15
More results

Similar Description - TC4404EPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4404 MICROCHIP-TC4404_06 Datasheet
607Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2006
TC4404 MICROCHIP-TC4404 Datasheet
503Kb / 16P
   1.5A Dual Open-Drain MOSFET Drivers
2002
TC4404 MICROCHIP-TC4404_13 Datasheet
503Kb / 18P
   1.5A Dual Open-Drain MOSFET Drivers
2002-2012 11/27/12
TC4404 MICROCHIP-TC4404_16 Datasheet
562Kb / 22P
   1.5A Dual Open-Drain MOSFET Drivers
07/14/15
logo
Renesas Technology Corp
RD74LVC2G07 RENESAS-RD74LVC2G07 Datasheet
2Mb / 7P
   Dual Buffers / Drivers with Open Drain
logo
Calogic, LLC
CLM4426 CALOGIC-CLM4426 Datasheet
47Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
AS4426P CALOGIC-AS4426P Datasheet
56Kb / 4P
   1.5A Dual High Speed MOSFET Drivers
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_10 Datasheet
1Mb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
MAX4426 MAXIM-MAX4426 Datasheet
204Kb / 6P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 1; 3/93
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com