Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4427 Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC4427
Description  1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4427 Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC4427 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4427 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4427 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4427 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4427 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4427 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-246
TELCOM SEMICONDUCTOR, INC.
1.5A DUAL HIGH-SPEED
POWER MOSFET DRIVERS
TC4426
TC4427
TC4428
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ......................................................... +22V
Input Voltage, IN A or IN B . (VDD + 0.3V) to (GND – 5.0V)
Maximum Chip Temperature ................................. +150
°C
Storage Temperature Range ................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
Package Thermal Resistance
CerDIP RθJ-A ................................................ 150°C/W
CerDIP RθJ-C .................................................. 50°C/W
PDIP RθJ-A ................................................... 125°C/W
PDIP RθJ-C ..................................................... 42°C/W
SOIC RθJ-A ................................................... 155°C/W
SOIC RθJ-C ..................................................... 45°C/W
Operating Temperature Range
C Version ............................................... 0
°C to +70°C
E Version .......................................... – 40
°C to +85°C
M Version ....................................... – 55
°C to +125°C
Package Power Dissipation (TA ≤ 70°C)
Plastic ............................................................. 730mW
CerDIP ............................................................ 800mW
SOIC ...............................................................470mW
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under "Absolute Maximum Ratings" may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operation sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
ELECTRICAL CHARACTERISTICS: TA = +25°C with 4.5V ≤ VDD ≤ 18V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
VIH
Logic 1 High Input Voltage
2.4
V
VIL
Logic 0 Low Input Voltage
0.8
V
IIN
Input Current
0V
V
IN
V
DD
– 1
1
µA
Output
VOH
High Output Voltage
VDD – 0.025
V
VOL
Low Output Voltage
0.025
V
RO
Output Resistance
VDD = 18V, IO = 10 mA
7
10
IPK
Peak Output Current
Duty Cycle
2%, t 30 µsec
1.5
A
IREV
Latch-Up Protection
Duty Cycle
2%
> 0.5
A
Withstand Reverse Current
t
30 µsec
Switching Time (Note 1)
tR
Rise Time
Figure 1
19
30
nsec
tF
Fall Time
Figure 1
19
30
nsec
tD1
Delay Time
Figure 1
20
30
nsec
tD2
Delay Time
Figure 1
40
50
nsec
Power Supply
IS
Power Supply Current
VIN = 3V (Both Inputs)
4.5
mA
VIN = 0V (Both Inputs)
0.4
mA
NOTE: 1. Switching times are guaranteed by design.
PIN CONFIGURATIONS
TC4426
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
VDD
NC = NO INTERNAL CONNECTION
TC4427
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
TC4428
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
2,4
7,5
INVERTING
2,4
7,5
NONINVERTING
VDD
2
4
DIFFERENTIAL
7
5
VDD
NOTE: SOIC pinout is identical to DIP.


Similar Part No. - TC4427

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4427 MICROCHIP-TC4427 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4427 MICROCHIP-TC4427 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4427 MICROCHIP-TC4427 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4427 MICROCHIP-TC4427 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
logo
TelCom Semiconductor, I...
TC4427A TELCOM-TC4427A Datasheet
64Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
More results

Similar Description - TC4427

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com