Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6501C151ML Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6501C151ML
Description  Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6501C151ML Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6501C151ML Datasheet HTML 3Page - Torex Semiconductor XC6501C151ML Datasheet HTML 4Page - Torex Semiconductor XC6501C151ML Datasheet HTML 5Page - Torex Semiconductor XC6501C151ML Datasheet HTML 6Page - Torex Semiconductor XC6501C151ML Datasheet HTML 7Page - Torex Semiconductor XC6501C151ML Datasheet HTML 8Page - Torex Semiconductor XC6501C151ML Datasheet HTML 9Page - Torex Semiconductor XC6501C151ML Datasheet HTML 10Page - Torex Semiconductor XC6501C151ML Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
7/21
XC6501
Series
■OPERATIONAL EXPLANATION
The voltage divided by resistors R1 & R2 is compared with the internal reference voltage by the error amplifier. The P-channel
MOSFET which is connected to the VOUT pin is then driven by the subsequent output signal. The output voltage at the VOUT pin
is controlled & stabilized by a system of negative feedback. The current limit circuit and short protect circuit operate in relation
to the level of output current. Further, the IC's internal circuitry can be shutdown via the CE pin's signal.
<CL High Speed Auto-Discharge Function>
The XC6501B/D series can discharge the electric charge in the output capacitor CL, when a low signal to the CE pin, which
enables a whole IC circuit turn off, is inputted via the N-channel transistor located between the VOUT pin and the VSS pin as
shown in the BLOCK DIAGRAM. The CL auto-discharge resistance value is set at 400Ω(VOUT=5.0V @ VIN=6.0V at typical).
The discharge time of the output capacitor CL is set by the CL auto-discharge resistance R and the output capacitor CL. By
setting time constant of a CL auto-discharge resistance value Rdischg and an output capacitor value CL as τ (τ=C x
Rdischg), the output voltage after discharge via the N-channel transistor is calculated by the following formulas.
V = VOUT(E) x e –t/τ, or t=τx In (VOUT(E) / V )
where V : Output voltage after discharge, VOUT(E) : Output voltage, t : Discharge time,
τ
: CL auto-discharge resistance Rdischg x Output capacitor CL
<Current Limiter, Short-Circuit Protection>
The XC6501 series’ fold-back circuit operates as an output current limiter and a short protection of the output pin. When the
load current reaches the current limit level, the fixed current limiter circuit operates and output voltage drops. When the
output voltage is shorted to the VSS, its current flow reached and minimized to about 25mA.
<CE Pin>
The IC's internal circuitry can be shutdown via the signal from the CE pin with the XC6501 series. In shutdown mode output at
the VOUT pin will be pulled down to the VSS level via R1 & R2. However, as for the XC6501B/D series, the CL auto-discharge
resistor is connected in parallel to R1 and R2 while the power supply is applied to the VIN pin. Therefore, time until the VOUT pin
reaches the VSS level becomes short. The output voltage becomes unstable, when the CE pin is open. If this IC is used with
the correct output voltage for the CE pin, the logic is fixed and the IC will operate normally. However, supply current may
increase as a result of through current in the IC's internal circuitry when medium voltage is input.
■NOTES ON USE
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be
exceeded.
2. This IC achieves stable operation without an output capacitor CL by internal phase compensation. However, wiring
impedance is high, operations may become unstable due to noise and/or phase lag depending on output current.
Please wire the input capacitor CIN and the output capacitor CL as close to the IC as possible.


Similar Part No. - XC6501C151ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501C1217R-G TOREX-XC6501C1217R-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501C121GR TOREX-XC6501C121GR Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501C121GR-G TOREX-XC6501C121GR-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501C121HR TOREX-XC6501C121HR Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
XC6501C121HR-G TOREX-XC6501C121HR-G Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
More results

Similar Description - XC6501C151ML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501 TOREX-XC6501_1 Datasheet
527Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
logo
Unisonic Technologies
LR9203 UTC-LR9203 Datasheet
238Kb / 9P
   CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
logo
Torex Semiconductor
XC6503 TOREX-XC6503 Datasheet
812Kb / 26P
   CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
logo
Jingjing Microelectroni...
EG6501 EGMICRO-EG6501 Datasheet
731Kb / 10P
   Low output capacity, low power consumption, high speed LDO voltage regulator
logo
Seiko Instruments Inc
S1315 SII-S1315 Datasheet
927Kb / 43P
   LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
logo
Torex Semiconductor
XC6505 TOREX-XC6505 Datasheet
793Kb / 24P
   Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
XC6504 TOREX-XC6504 Datasheet
1Mb / 32P
   0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
logo
Holtek Semiconductor In...
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
   Low Power Consumption LDO
HT73XX HOLTEK-HT73XX Datasheet
125Kb / 12P
   Low Power Consumption LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com