Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1952EGN-1PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT1952EGN-1PBF
Description  Single Switch Synchronous Forward Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952EGN-1PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1952EGN-1PBF Datasheet HTML 3Page - Linear Technology LT1952EGN-1PBF Datasheet HTML 4Page - Linear Technology LT1952EGN-1PBF Datasheet HTML 5Page - Linear Technology LT1952EGN-1PBF Datasheet HTML 6Page - Linear Technology LT1952EGN-1PBF Datasheet HTML 7Page - Linear Technology LT1952EGN-1PBF Datasheet HTML 8Page - Linear Technology LT1952EGN-1PBF Datasheet HTML 9Page - Linear Technology LT1952EGN-1PBF Datasheet HTML 10Page - Linear Technology LT1952EGN-1PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LT1952/LT1952-1
7
19521fd
RBLANK (k)
0
0
400
200
1000
40
80
100
1952 G26
800
600
20
60
140
120
160
TA = 25°C
TEMPERATURE (°C)
–50
0
50
200
0
50
75
1952 G19
150
100
–25
25
100
125
RDELAY = 40k
RDELAY = 120k
RDELAY (k)
0
0
80
240
80
160
200
1952 G27
160
40
120
240
TA = 25°C
OUT LOAD CAPACITANCE (pF)
0
0
50
25
125
2000
3000
100
75
1000
4000
5000
tr
tf
1952 G20
TA = 25°C
fOSC (kHz)
100
70
80
100
200
300
90
400
500
1952 G21
TA = 25°C
SS_MAXDC = 2.5V
SD_VSEC = 1.4V
SD_VSEC (V)
1.32
0
70
80
90
1.65
1.98
60
50
40
30
20
10
2.31
2.64
1952 G22
TA = 25°C
SS_MAXDC = 1.84V
fOSC = 200kHz
RDELAY = 10k
SS_MAXDC (V)
1.60
20
70
80
90
1.84
2.08
60
50
40
30
1952 G23
TA = 25°C
fOSC = 200kHz
RDELAY = 10k
SD_VSEC = 1.32V
SD_VSEC = 1.98V
SD_VSEC = 2.64V
fOSC (kHz)
100
1.60
2.08
2.20
2.32
500
400
300
200
1.96
1.84
1.72
1952 G24
TA = 25°C
SD_VSEC = 1.32V
RDELAY = 10k
0
0.8
1.0
1.2
0.6
0.4
0.2
1952 G25
TEMPERATURE (°C)
–50
0
50
75
–25
25
100
125
ACTIVE THRESHOLD
RESET THRESHOLD
TYPICAL PERFORMANCE CHARACTERISTICS
OUT Rise/Fall Time
vs OUT Load Capacitance
OUT: Max Duty Cycle vs fOSC
OUT: Max Duty Cycle CLAMP
vs SD_VSEC
OUT: Max Duty Cycle CLAMP
vs SS_MAXDC
SS_MAXDC Setting
vs fOSC (for OUT DC = 72%)
SS_MAXDC Reset and Active
Thresholds vs Temperature
BLANK Duration vs RBLANK
tDELAY: SOUT Rise to OUT Rise
vs Temperature
tDELAY: SOUT Rise to OUT Rise
vs RDELAY


Similar Part No. - LT1952EGN-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1952EGN LINER-LT1952EGN Datasheet
252Kb / 24P
   Single Switch Synchronous Forward Controller
More results

Similar Description - LT1952EGN-1PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1952 LINER-LT1952 Datasheet
252Kb / 24P
   Single Switch Synchronous Forward Controller
LT1952 LINER-LT1952_15 Datasheet
367Kb / 28P
   Single Switch Synchronous Forward Controller
LT1952-1 LINER-LT1952-1_15 Datasheet
367Kb / 28P
   Single Switch Synchronous Forward Controller
LT3781 LINER-LT3781_15 Datasheet
259Kb / 20P
   Transistor Synchronous Forward Controller
LTC3725 LINER-LTC3725 Datasheet
271Kb / 20P
   Single-Switch Forward Controller and Gate Driver
LTC3725 LINER-LTC3725_15 Datasheet
275Kb / 20P
   Single-Switch Forward Controller and Gate Driver
LT1681 LINER-LT1681_15 Datasheet
280Kb / 20P
   Dual Transistor Synchronous Forward Controller
LT3753 LINER-LT3753_15 Datasheet
437Kb / 36P
   Active Clamp Synchronous Forward Controller
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
   Secondary-Side Synchronous Forward Controller
LTC3726 LINER-LTC3726_15 Datasheet
214Kb / 16P
   Secondary-Side Synchronous Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com