Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1952EGNTRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT1952EGNTRPBF
Description  Single Switch Synchronous Forward Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952EGNTRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1952EGNTRPBF Datasheet HTML 4Page - Linear Technology LT1952EGNTRPBF Datasheet HTML 5Page - Linear Technology LT1952EGNTRPBF Datasheet HTML 6Page - Linear Technology LT1952EGNTRPBF Datasheet HTML 7Page - Linear Technology LT1952EGNTRPBF Datasheet HTML 8Page - Linear Technology LT1952EGNTRPBF Datasheet HTML 9Page - Linear Technology LT1952EGNTRPBF Datasheet HTML 10Page - Linear Technology LT1952EGNTRPBF Datasheet HTML 11Page - Linear Technology LT1952EGNTRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT1952/LT1952-1
8
19521fd
PIN FUNCTIONS
COMP (Pin 1): Output Pin of the Error Amplifier. The error
amplifier is an op amp, allowing various compensation
networks to be connected between the COMP pin and
FB pin for optimum transient response. The voltage on
this pin corresponds to the peak current of the external
FET. Full operating voltage range is between 0.8V and
2.5V corresponding to 0mV to 220mV at the ISENSE pin.
For applications using the 100mV OC pin for overcurrent
detection, typical operating range for the COMP pin is
0.8V to 1.6V. For isolated applications where COMP is
controlled by an opto-coupler, the COMP pin output drive
can be disabled with FB = VREF, reducing the COMP pin
current to (COMP – 0.7)/40k.
FB (Pin 2): Monitors the output voltage via an external
resistor divider and is compared with an internal 1.23V
reference by the error amplifier. FB connected to VREF
disables error amplifier output.
ROSC (Pin 3): A resistor to ground programs the operating
frequency of the IC between 100kHz and 500kHz. Nominal
voltage on the ROSC pin is 1.0V.
SYNC (Pin 4): Used to Synchronize the Internal Oscillator
to an External Signal. It is directly logic compatible and
can be driven with any signal between 10% and 90% duty
cycle. If unused, the pin can be left open or connected to
ground.
SS_MAXDC (Pin 5): External resistor divider from VREF
sets maximum duty cycle clamp (SS_MAXDC = 1.84V,
SD_VSEC = 1.32V gives 72% duty cycle). Capacitor on
SS_MAXDC pin in combination with external resistor
divider sets soft-start timing.
VREF (Pin 6): The output of an internal 2.5V reference which
supplies control circuitry in the IC. Capable of sourcing up
to 2.5mA drive for external use. Bypass to ground with a
0.1μF ceramic capacitor.
SD_VSEC (Pin 7): The SD_VSEC pin, when pulled below
its accurate 1.32V threshold, is used to turn off the IC
and reduce current drain from VIN. The SD_VSEC pin is
connected to system input voltage through a resistor
divider to define undervoltage lockout (UVLO) and to
provide a Volt-Second clamp on the OUT pin. A 10μA pin
current hysteresis allows external programming of UVLO
hysteresis.
GND (Pin 8): Analog Ground.
BLANK (Pin 9): A resistor to ground adjusts the extended
blanking period of the overcurrent and current sense
amplifier outputs during FET turn on—to prevent false
current limit trip. Increasing the resistor value increases
the blanking period.
ISENSE (Pin 10): The Current Sense Input for the Control
Loop. Connect this pin to the sense resistor in the source
of the external power MOSFET. A resistor in series with
the ISENSE pin programs slope compensation.
OC (Pin 11): An accurate 107mV threshold, independent
of duty cycle, for overcurrent detection and trigger of
soft-start. Connect this pin directly to the sense resistor
in the source of the external power MOSFET.
DELAY (Pin 12): A resistor to ground adjusts the delay
period between SOUT rising edge and OUT rising edge.
Used to maximize efficiency in forward converter applica-
tions by adjusting the control timing of secondary side
synchronous rectifier MOSFETs. Increasing the resistor
value increases the delay period.
PGND (Pin 13): Power Ground.
OUT (Pin 14): Drives the Gate of an N-channel MOSFET
between 0V and VIN with a maximum limit of 13V on
OUT pin set by an internal clamp. Active pull-off exists in
shutdown (see electrical specification).
VIN (Pin 15): Input Supply for the Part. It must be closely
decoupled to ground. An internal undervoltage lockout
threshold exists for VIN at approximately 14.25V on
and 8.75V off for the LT1952. The LT1952-1 has lower
undervoltage lockout thresholds set at 7.75V on and
6.5V off.
SOUT (Pin 16): Switched Output in Phase with OUT Pin.
Provides sync signal for control of secondary side FETs
in forward converter applications requiring highly efficient
synchronous rectification. SOUT is actively clamped to
12V. Active pull-off exists in shutdown (see electrical
specification).


Similar Part No. - LT1952EGNTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1952EGN LINER-LT1952EGN Datasheet
252Kb / 24P
   Single Switch Synchronous Forward Controller
More results

Similar Description - LT1952EGNTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1952 LINER-LT1952 Datasheet
252Kb / 24P
   Single Switch Synchronous Forward Controller
LT1952 LINER-LT1952_15 Datasheet
367Kb / 28P
   Single Switch Synchronous Forward Controller
LT1952-1 LINER-LT1952-1_15 Datasheet
367Kb / 28P
   Single Switch Synchronous Forward Controller
LT3781 LINER-LT3781_15 Datasheet
259Kb / 20P
   Transistor Synchronous Forward Controller
LTC3725 LINER-LTC3725 Datasheet
271Kb / 20P
   Single-Switch Forward Controller and Gate Driver
LTC3725 LINER-LTC3725_15 Datasheet
275Kb / 20P
   Single-Switch Forward Controller and Gate Driver
LT1681 LINER-LT1681_15 Datasheet
280Kb / 20P
   Dual Transistor Synchronous Forward Controller
LT3753 LINER-LT3753_15 Datasheet
437Kb / 36P
   Active Clamp Synchronous Forward Controller
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
   Secondary-Side Synchronous Forward Controller
LTC3726 LINER-LTC3726_15 Datasheet
214Kb / 16P
   Secondary-Side Synchronous Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com