Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1952EGN Datasheet(PDF) 10 Page - Linear Technology

Part # LT1952EGN
Description  Single Switch Synchronous Forward Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1952EGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1952EGN Datasheet HTML 6Page - Linear Technology LT1952EGN Datasheet HTML 7Page - Linear Technology LT1952EGN Datasheet HTML 8Page - Linear Technology LT1952EGN Datasheet HTML 9Page - Linear Technology LT1952EGN Datasheet HTML 10Page - Linear Technology LT1952EGN Datasheet HTML 11Page - Linear Technology LT1952EGN Datasheet HTML 12Page - Linear Technology LT1952EGN Datasheet HTML 13Page - Linear Technology LT1952EGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT1952/LT1952-1
10
19521fd
OPERATION
Introduction
The LT1952/LT1952-1 are current mode synchronous
PWM controllers optimized for control of the simplest
forward converter topology—using only one primary
MOSFET. The LT1952/LT1952-1 are ideal for 25W to 500W
power systems where very high efficiency and reliability,
low complexity and cost are required in a small space.
Key features of the LT1952/LT1952-1 include an adaptive
maximum duty cycle clamp for the single primary MOSFET.
An additional output signal is included for synchronous
rectifier control. A precision 107mV threshold senses
overcurrent conditions and triggers Soft-Start for low
stress short-circuit protection and control. The key
functions of the LT1952/LT1952-1 are shown in the Block
Diagram in Figure 2.
Part Start-up
In normal operation the SD_VSEC pin must exceed 1.32V
and the VIN pin must exceed 14.25V (7.75V LT1952-1) to
allow the part to turn on. This combination of pin voltages
allows the 2.5V VREF pin to become active, supplying the
LT1952/LT1952-1 control circuitry and providing up to
2.5mA external drive. SD_VSEC threshold can be used for
externally programming an undervoltage lockout (UVLO)
threshold on the system input voltage. Hysteresis on
the UVLO threshold can also be programmed since the
SD_VSEC pin draws 11μA just before part turn on and 0μA
after part turn on.
With the LT1952/LT1952-1 turned on, the VIN pin can drop
as low as 8.75V (6.5V LT1952-1) before part shutdown
occurs. This VIN pin hysteresis (5.5V LT1952; 1.25V
LT1952-1) combined with low 460μA (400μA LT1952-1)
start-up input current allows low power start-up using
a resistor/capacitor network from system VIN to supply
the VIN pin (Figure 3). The VIN capacitor value is chosen
to prevent VIN falling below its turn off threshold before
an auxiliary winding in the converter takes over supply
to the VIN pin.
Output Drivers
The LT1952/LT1952-1 have two outputs, SOUT and OUT.
The OUT pin provides a
±1A peak MOSFET gate drive
clamped to 13V. The SOUT pin has a
±50mA peak drive
clamped to 12V and provides sync signal timing for
synchronous rectification control.
For SOUT and OUT turn on, a PWM latch is set at the start
of each main oscillator cycle. OUT turn on is delayed from
SOUT turn on by a time tDELAY (Figure 2). tDELAY is pro-
grammed using a resistor from the DELAY pin to ground
and is used to set the timing control of the secondary
synchronous rectifiers for optimum efficiency.
SOUT and OUT turn off at the same time each cycle by
one of three methods:
(1) MOSFET peak current sense at ISENSE pin
(2) Adaptive maximum duty cycle clamp reached during
load/line transients
(3) Maximum duty cycle reset of the PWM latch
During any of the following conditions—low VIN, low
SD_VSEC or overcurrent detection at the OC pin—a soft-
start event is latched and both SOUT and OUT turn off
immediately (Figure 1).
Leading Edge Blanking
To prevent MOSFET switching noise causing premature turn
off of SOUT or OUT, programmable leading edge blanking
exists. This means both the current sense comparator
and overcurrent comparator outputs are ignored during
MOSFET turn on and for an extended period after the OUT
leading edge (Figure 6). The extended blanking period is
programmable by adjusting a resistor from the BLANK
pin to ground.
Adaptive Maximum Duty Cycle Clamp
(Volt-Second Clamp)
For forward converter applications using the simplest
topology of a single MOSFET on the primary, a maximum
switch duty cycle clamp which adapts to transformer input
voltage is necessary for reliable control of the MOSFET. This
volt-second clamp provides a safeguard for transformer
reset that prevents transformer saturation. Instantaneous
load changes can cause the converter loop to demand
maximum duty cycle. If the maximum duty cycle of the
switch is too great, the transformer reset voltage can
exceed the voltage rating of the primary-side MOSFET with


Similar Part No. - LT1952EGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1952EGN LINER-LT1952EGN Datasheet
252Kb / 24P
   Single Switch Synchronous Forward Controller
More results

Similar Description - LT1952EGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1952 LINER-LT1952 Datasheet
252Kb / 24P
   Single Switch Synchronous Forward Controller
LT1952 LINER-LT1952_15 Datasheet
367Kb / 28P
   Single Switch Synchronous Forward Controller
LT1952-1 LINER-LT1952-1_15 Datasheet
367Kb / 28P
   Single Switch Synchronous Forward Controller
LT3781 LINER-LT3781_15 Datasheet
259Kb / 20P
   Transistor Synchronous Forward Controller
LTC3725 LINER-LTC3725 Datasheet
271Kb / 20P
   Single-Switch Forward Controller and Gate Driver
LTC3725 LINER-LTC3725_15 Datasheet
275Kb / 20P
   Single-Switch Forward Controller and Gate Driver
LT1681 LINER-LT1681_15 Datasheet
280Kb / 20P
   Dual Transistor Synchronous Forward Controller
LT3753 LINER-LT3753_15 Datasheet
437Kb / 36P
   Active Clamp Synchronous Forward Controller
LTC3726 LINER-LTC3726 Datasheet
225Kb / 16P
   Secondary-Side Synchronous Forward Controller
LTC3726 LINER-LTC3726_15 Datasheet
214Kb / 16P
   Secondary-Side Synchronous Forward Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com