Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1961EMS8E Datasheet(PDF) 3 Page - Linear Technology

Part # LT1961EMS8E
Description  1.5A, 1.25MHz Step-Up Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1961EMS8E Datasheet(HTML) 3 Page - Linear Technology

  LT1961EMS8E Datasheet HTML 1Page - Linear Technology LT1961EMS8E Datasheet HTML 2Page - Linear Technology LT1961EMS8E Datasheet HTML 3Page - Linear Technology LT1961EMS8E Datasheet HTML 4Page - Linear Technology LT1961EMS8E Datasheet HTML 5Page - Linear Technology LT1961EMS8E Datasheet HTML 6Page - Linear Technology LT1961EMS8E Datasheet HTML 7Page - Linear Technology LT1961EMS8E Datasheet HTML 8Page - Linear Technology LT1961EMS8E Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1961
1961fa
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
FB Input Current
0
– 0.2
– 0.4
μA
FB to VC Voltage Gain
0.4V < VC < 0.9V
150
350
FB to VC Transconductance
ΔIVC = ±10μA
500
850
1300
μMho
VC Pin Source Current
VFB = 1V
– 85
– 120
– 165
μA
VC Pin Sink Current
VFB = 1.4V
70
110
165
μA
VC Pin to Switch Current Transconductance
2.4
A/V
VC Pin Minimum Switching Threshold
Duty Cycle = 0%
0.3
V
VC Pin 1.5A ISW Threshold
0.9
V
Maximum Switch Duty Cycle
VC = 1.2V, ISW = 100mA
80
90
%
VC = 1.2V, ISW = 1A, 25°C ≤ TA ≤ 125°C75
80
%
VC = 1.2V, ISW = 1A, TA ≤ 25°C70
75
%
SHDN Threshold Voltage
1.28
1.35
1.42
V
SHDN Input Current (Shutting Down)
SHDN = 60mV Above Threshold
–7
–10
–13
μA
SHDN Threshold Current Hysteresis
SHDN = 100mV Below Threshold
4
7
10
μA
SYNC Threshold Voltage
1.5
2.2
V
SYNC Input Frequency
1.5
2
MHz
SYNC Pin Resistance
ISYNC = 1mA
20
k
Ω
The
denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VIN = 15V, VC = 0.8V, SHDN, SYNC and switch open unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT1961E is guaranteed to meet performance specifications
from 0
°C to 125°C junction temperature. Specifications over the –40°C to
125
°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls. The
LT1961I is guaranteed over the – 40ºC to 125ºC operating junction
temperature range.
Note 3: Minimum input voltage is defined as the voltage where the
internal regulator enters lockout. Actual minimum input voltage to
maintain a regulated output will depend on output voltage and load
current. See Applications Information.


Similar Part No. - LT1961EMS8E

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1961 LINER-LT1961 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT1961 LINER-LT1961 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1961 LINER-LT1961 Datasheet
165Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
LT1961 LINER-LT1961_15 Datasheet
165Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
More results

Similar Description - LT1961EMS8E

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1961 LINER-LT1961_15 Datasheet
165Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
   1.25MHz, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767EMS8-18 LINER-LT1767EMS8-18 Datasheet
256Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com