Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1961IMS8E Datasheet(PDF) 11 Page - Linear Technology

Part # LT1961IMS8E
Description  1.5A, 1.25MHz Step-Up Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1961IMS8E Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1961IMS8E Datasheet HTML 7Page - Linear Technology LT1961IMS8E Datasheet HTML 8Page - Linear Technology LT1961IMS8E Datasheet HTML 9Page - Linear Technology LT1961IMS8E Datasheet HTML 10Page - Linear Technology LT1961IMS8E Datasheet HTML 11Page - Linear Technology LT1961IMS8E Datasheet HTML 12Page - Linear Technology LT1961IMS8E Datasheet HTML 13Page - Linear Technology LT1961IMS8E Datasheet HTML 14Page - Linear Technology LT1961IMS8E Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LT1961
1961fa
Figure 6. Typical Application and Suggested Layout (Topside Only Shown)
LT1961
VIN
OUTPUT
12V
0.5A*
INPUT
5V
C2
6800pF
C4
100pF
R3
6.8k
R2
10k
1%
R1
90.9k
D1
UPS120
C1
10
μF
CERAMIC
C3
2.2
μF
CERAMIC
VSW
FB
SHDN
OPEN
OR
HIGH
= ON
GND
VC
SYNC
*MAXIMUM OUTPUT CURRENT IS SUBJECT TO THERMAL DERATING.
L1
6.8
μH
VOUT
INPUT
GND
C3
C1
R2
R1
L1
D1
KELVIN SENSE
VOUT
MINIMIZE
LT1961,
C1, D1 LOOP
KEEP FB AND VC
COMPONENTS
AWAY FROM
HIGH FREQUENCY,
HIGH INPUT
COMPONENTS
PLACE FEEDTHROUGHS
AROUND GROUND PIN FOR
GOOD THERMAL CONDUCTIVITY
LT1961EMS8E
GND
C4
U1
SOLDER EXPOSED
GROUND PAD
TO BOARD
R3
C2
APPLICATIONS INFORMATION


Similar Part No. - LT1961IMS8E

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1961 LINER-LT1961 Datasheet
207Kb / 20P
   True Color PWM Delivers Constant Color with 400:1 Dimming Range
LT1961 LINER-LT1961 Datasheet
274Kb / 28P
   Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
LT1961 LINER-LT1961 Datasheet
165Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
LT1961 LINER-LT1961_15 Datasheet
165Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
More results

Similar Description - LT1961IMS8E

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1961 LINER-LT1961_15 Datasheet
165Kb / 16P
   1.5A, 1.25MHz Step-Up Switching Regulator
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
   1.25MHz, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT1767 LINER-LT1767 Datasheet
242Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767EMS8-18 LINER-LT1767EMS8-18 Datasheet
256Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com