Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC514 Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC514
Description  PRECISION ANALOG FRONT ENDS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC514 Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

Back Button TC514 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC514 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC514 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC514 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC514 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC514 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC514 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC514 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC514 Datasheet HTML 10Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
3-24
TELCOM SEMICONDUCTOR, INC.
Figure 2. Basic Dual-Slope Converter
PHASE
CONTROL
COMPARATOR
INTEGRATOR
CINT
ANALOG
INPUT
(VIN)
SWITCH DRIVER
REF
VOLTAGE
CONTROL
LOGIC
POLARITY
CONTROL
S1
I/O
TIMER
COUNTER
ROM
RAM
MICROCOMPUTER
AB
CMPTR OUT
VSUPPLY
±
TINT
TC510
VINT
VIN
VFULL SCALE
VIN
1/2 VFULL SCALE
TDEINT
+
RINT
VINT
+
PIN DESCRIPTION (Cont.)
Pin No
Pin No
Pin No
(TC500/A)
(TC510)
(TC514)
Symbol
Description
10
CH4
Negative analog input pin. MUX channel 4
20
A0
Multiplexer input channel select input LSB. (See A1).
19
A1
Multiplexer input channel select input MSB.
00 = Channel 1
Phase control input pins: A1, A0 =
01 = Channel 2
10 = Channel 3
11 = Channel 4
GENERAL THEORY OF OPERATION
Dual-Slope Conversion Principles (Figure 2)
Actual data conversion is accomplished in two phases:
input signal Integration and reference voltage Deintegration.
The integrator output is initialized to 0V prior to the start
of Integration. During Integration, analog switch S1 con-
nects VIN to the integrator input where it is maintained for a
fixed time period (tINT). The application of VIN causes the
integrator output to depart 0V at a rate determined by the
magnitude of VIN, and a direction determined by the polarity
of VIN. The Deintegration phase is initiated immediately at
the expiration of tINT.
During Deintegration, S1 connects a reference voltage
(having a polarity opposite that of VIN) to the integrator input.
At the same time, an external precision timer is started. The
Deintegration phase is maintained until the comparator
output changes state, indicating the integrator has returned
to its starting point of 0V. When this occurs, the precision
timer is stopped. The Deintegration time period (tDEINT), as
measured by the precision timer, is directly proportional to
the magnitude of the applied input voltage.
A simple mathematical equation relates the Input
Signal, Reference Voltage and Integration time:
PRECISION ANALOG FRONT ENDS
TC500
TC500A
TC510
TC514


Similar Part No. - TC514

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC514 MICROCHIP-TC514 Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
TC514 MICROCHIP-TC514 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC514 MICROCHIP-TC514 Datasheet
588Kb / 38P
   Precision Analog Front Ends with Dual Slope ADC
2008
logo
Toshiba Semiconductor
TC5141001 TOSHIBA-TC5141001 Datasheet
647Kb / 24P
   4,194,304 WORD x 1 BIT DYNAMIC RAM
TC514100AAZL-10 TOSHIBA-TC514100AAZL-10 Datasheet
632Kb / 21P
   4,194,304 WORD x BIT DYNAMIC RAM
More results

Similar Description - TC514

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
TC500 MICROCHIP-TC500_08 Datasheet
588Kb / 38P
   Precision Analog Front Ends with Dual Slope ADC
2008
logo
Analog Devices
AD1018 AD-AD1018 Datasheet
72Kb / 2P
   High Precision Analog Front End
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
   Precision Analog Front End and Controller
AD8452 AD-AD8452 Datasheet
743Kb / 35P
   Precision Integrated Analog Front End, Controller
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
   Photometric Front Ends
AD1030 AD-AD1030 Datasheet
78Kb / 2P
   High Precision Analog Front End with TEC/PMIC
Rev. Sp0
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com