Electronic Components Datasheet Search |
|
LT1963ES8-1.5 Datasheet(PDF) 8 Page - Linear Technology |
|
LT1963ES8-1.5 Datasheet(HTML) 8 Page - Linear Technology |
8 / 20 page 8 LT1963 Series 1963fc TYPICAL PERFOR A CE CHARACTERISTICS TEMPERATURE ( °C) –50 0 50 75 1963 G30 –25 25 100 125 LT1963-1.5/-1.8/-2.5/-3.3 LT1963 VIN = 0V VOUT = 1.21V (LT1963) VOUT = 1.5V (LT1963-1.5) VOUT = 1.8V (LT1963-1.8) VOUT = 2.5V (LT1963-2.5) VOUT = 3.3V (LT1963-3.3) 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 FREQUENCY (Hz) 80 70 60 50 40 30 20 10 0 10 1k 10k 1M 1963 G31 100 100k COUT = 10µF TANTALUM COUT = 100µF TANTALUM +10 × 1µF CERAMIC IL = 0.75A VIN = VOUT(NOMINAL) +1V + 50mVRMS RIPPLE TEMPERATURE ( °C) –50 76 74 72 70 68 66 64 62 25 75 1963 G32 –25 0 50 100 125 IL = 0.75A VIN = VOUT(NOMINAL) +1V + 0.5VP-P RIPPLE AT f = 120Hz Reverse Output Current Ripple Rejection Ripple Rejection SHDN Pin Input Current TEMPERATURE ( °C) –50 7 6 5 4 3 2 1 0 25 75 1963 G25 –25 0 50 100 125 VSHDN = 20V TEMPERATURE ( °C) –50 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 50 75 1963 G26 –25 25 100 125 INPUT/OUTPUT DIFFERENTIAL (V) 02 6 10 14 18 3.0 2.5 2.0 1.5 1.0 0.5 0 4 8 12 16 1963 G27 20 TJ = 125°C TJ = 25°C TJ = – 50°C ∆VOUT = 100mV ADJ Pin Bias Current Current Limit Current Limit OUTPUT VOLTAGE (V) 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 1963 G29 0123 4 5 67 8 9 10 LT1963 LT1963-1.8 LT1963-1.5 LT1963-3.3 LT1963-2.5 CURRENT FLOWS INTO OUTPUT PIN VOUT = VADJ (LT1963) VOUT = VFB (LT1963-1.5/-1.8/-2.5/-3.3) TJ = 25°C VIN = 0V TEMPERATURE ( °C) –50 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 0 50 75 1963 G28 –25 25 100 125 VIN = 7V VOUT = 0V Reverse Output Current SHDN PIN VOLTAGE (V) 5.0 4.5 4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0 1963 G24 0246 8 10 12 14 16 18 20 SHDN Pin Input Current |
Similar Part No. - LT1963ES8-1.5 |
|
Similar Description - LT1963ES8-1.5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |