Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD2167 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD2167
Description  Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD2167 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD2167 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD2167 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-base breakdown voltage
BVCBO
IC=50ìA
27
V
Collector-emitter breakdown voltage
BVCEO
IC=1mA
27
V
Emitter-base breakdown voltage
BVEBO
IE=50ìA
5
V
Collector cutoff current
ICBO
VCB=20V
1
ìA
Emitter cutoff current
IEBO
VEB=5V
1
ìA
IC=2A, IB=0.2A
1
V
IC=1A, IB=50mA
0.25
0.5
V
DC current transfer ratio
hFE
VCE=3V, IC=0.5A
56
270
Output capacitance
fT
VCE=3V, IE= -0.5A, f=30MHz
100
MHz
Transition frequency
Cob
VCB=10V, IE=0A, f=1MHz
25
pF
Collector-emitter saturation voltage
VCE(sat)
2SD2167
hFE Classification
Marking
Rank
N
P
Q
hFE
56
120
82
180
120
270
DL


Similar Part No. - 2SD2167

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2167 ROHM-2SD2167 Datasheet
68Kb / 3P
   Power Transistor (31/-4V, 2A)
2SD2167 ROHM-2SD2167 Datasheet
43Kb / 1P
   Power Transistor (60V, 3A)
More results

Similar Description - 2SD2167

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
   POWER TRANSISTOR
logo
Shindengen Electric Mfg...
2SC1470 SHINDENGEN-2SC1470 Datasheet
39Kb / 1P
   POWER TRANSISTOR
logo
DAESAN ELECTRONIC CORP.
E13001TO-92 DAESAN-E13001TO-92 Datasheet
428Kb / 2P
   POWER TRANSISTOR
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR
1995
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
   Power Transistor
logo
Rohm
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
   Power Transistor
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
   Power transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
   Power Transistor
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
   Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
   Power Transistor
logo
New Jersey Semi-Conduct...
2N174 NJSEMI-2N174 Datasheet
157Kb / 1P
   POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com