Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1963AES8-1.8PBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT1963AES8-1.8PBF
Description  1.5A, Low Noise,Fast Transient Response LDO Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1963AES8-1.8PBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1963AES8-1.8PBF Datasheet HTML 6Page - Linear Technology LT1963AES8-1.8PBF Datasheet HTML 7Page - Linear Technology LT1963AES8-1.8PBF Datasheet HTML 8Page - Linear Technology LT1963AES8-1.8PBF Datasheet HTML 9Page - Linear Technology LT1963AES8-1.8PBF Datasheet HTML 10Page - Linear Technology LT1963AES8-1.8PBF Datasheet HTML 11Page - Linear Technology LT1963AES8-1.8PBF Datasheet HTML 12Page - Linear Technology LT1963AES8-1.8PBF Datasheet HTML 13Page - Linear Technology LT1963AES8-1.8PBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LT1963A Series
10
1963afd
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
–50
7
6
5
4
3
2
1
0
25
75
1963A G25
–25
0
50
100
125
VSHDN = 20V
TEMPERATURE (°C)
–50
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
50
75
1963A G26
–25
25
100
125
ADJ Pin Bias Current
SHDN PIN VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1963A G24
0246
8
10 12 14 16 18 20
INPUT/OUTPUT DIFFERENTIAL (V)
02
6
10
14
18
3.0
2.5
2.0
1.5
1.0
0.5
0
4
8
12
16
1963A G27
20
TJ = 125°C
TJ = 25°C
TJ = –50°C
ΔVOUT = 100mV
Current Limit
Current Limit
TEMPERATURE (°C)
–50
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
50
75
1963A G28
–25
25
100
125
VIN = 7V
VOUT = 0V
OUTPUT VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1963A G29
0123
4
5
67
8
9
10
LT1963A
LT1963A-1.5
LT1963A-3.3 T
J = 25°C
VIN = 0V
CURRENT FLOWS INTO
OUTPUT PIN
VOUT = VADJ (LT1963A)
VOUT = VFB (LT1963A-1.5/1.8/-2.5/-3.3)
LT1963A-2.5
LT1963A-1.8
TEMPERATURE (°C)
–50
0
50
75
1963A G30
–25
25
100
125
LT1963A-1.8/-2.5/-3.3
LT1963A
VIN = 0V
VOUT = 1.21V (LT1963A)
VOUT = 1.5V (LT1963A-1.5)
VOUT = 1.8V (LT1963A-1.8)
VOUT = 2.5V (LT1963A-2.5)
VOUT = 3.3V (LT1963A-3.3)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
Reverse Output Current
Reverse Output Current
SHDN Pin Input Current
SHDN Pin Input Current


Similar Part No. - LT1963AES8-1.8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1963AES8-1.8 LINER-LT1963AES8-1.8 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963AES8-1.8 LINER-LT1963AES8-1.8 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
LT1963AES8-1.8 LINER-LT1963AES8-1.8 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response
logo
Linear Integrated Syste...
LT1963AES8-1.8 LINEAR-LT1963AES8-1.8 Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963AES8-1.8 LINEAR-LT1963AES8-1.8 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results

Similar Description - LT1963AES8-1.8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1963 LINEAR-LT1963 Datasheet
241Kb / 16P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8-PBF LINER-LT1963AES8-PBF Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A LINER-LT1963A_15 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963A_1208 LINER-LT1963A_1208 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963EFE-3.3 LINEAR-LT1963EFE-3.3 Datasheet
545Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963AES8 LINER-LT1963AES8 Datasheet
278Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Integrated Syste...
LT1963AEQ LINEAR-LT1963AEQ Datasheet
554Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Technology
LT1963 LINER-LT1963 Datasheet
271Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
LT1963 LINER-LT1963_15 Datasheet
276Kb / 20P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
logo
Linear Dimensions Semic...
LT1963AES8 LINEAR_DIMENSIONS-LT1963AES8 Datasheet
787Kb / 28P
   1.5A, Low Noise, Fast Transient Response LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com