Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC510COG Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC510COG
Description  PRECISION ANALOG FRONT ENDS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC510COG Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC510COG Datasheet HTML 1Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 2Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 3Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 4Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 5Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 6Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 7Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 8Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3-21
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
PRECISION ANALOG FRONT ENDS
TC500
TC500A
TC510
TC514
ELECTRICAL CHARACTERISTICS: (Cont.)
TA = +25
°C
TA = 0
°C to +70°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Min
Typ
Max
Unit
Digital
VOH
Comparator Logic 1,
ISOURCE = 400µA4
4
V
Output High
VOL
Comparator Logic 0,
ISINK = 2.1mA
0.4
0.4
V
Output Low
VIH
Logic 1, Input High Voltage
3.5
3.5
V
VIL
Logic 0, Input Low Voltage
1
1
V
IL
Logic Input Current
Logic 1 or 0
0.3
µA
tD
Comparator Delay
2
3
µsec
Multiplexer (TC514 Only)
Maximum Input Voltage
VDD = 5V
– 2.5
2.5
– 2.5
2.5
V
RDSON
Drain/Source ON Resistance
VDD = 5V
6
10
k
Power (TC510/514 Only)
IS
Supply Current
VDD = 5V, A = 1, B = 1
1.8
2.4
3.5
mA
PD
Power Dissipation
VDD = 5V
18
mW
VDD
Positive Supply
4.5
5.5
4.5
5.5
V
Operating Voltage Range
ROUT
Operating Source Resistance
IOUT = 10mA
60
85
100
Oscillator Frequency (Note 3)
100
kHz
IOUT
Maximum Current Out
VDD = 5V
– 10
– 10
mA
Power (TC500/500A Only)
IS
Supply Current
VS = ±5V, A = B = 1
1
1.5
2.5
mA
PD
Power Dissipation
VDD = 5V, VSS = – 5V
10
mW
VDD
Positive Supply
4.5
7.5
4.5
7.5
V
Operating Voltage Range
VSS
Negative Supply
– 4.5
– 7.5
– 4.5
– 7.5
V
Operating Voltage Range
NOTES: 1. Integrate time
≥ 66msec, auto-zero time ≥ 66msec, VINT (peak) ≈ 4V.
2. End point linearity at
±1/4, ±1 /2, ±3/4 F.S. after full-scale adjustment.
3. Roll-over error is related to CINT, CREF, CAZ characteristics.


Similar Part No. - TC510COG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC510COG MICROCHIP-TC510COG Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
TC510COG MICROCHIP-TC510COG Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC510COG MICROCHIP-TC510COG Datasheet
588Kb / 38P
   Precision Analog Front Ends with Dual Slope ADC
2008
TC510COG713 MICROCHIP-TC510COG713 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC510COG713 MICROCHIP-TC510COG713 Datasheet
588Kb / 38P
   Precision Analog Front Ends with Dual Slope ADC
2008
More results

Similar Description - TC510COG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
   Precision Analog Front Ends
2006
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
   Precision Analog Front Ends
2002
TC500 MICROCHIP-TC500_08 Datasheet
588Kb / 38P
   Precision Analog Front Ends with Dual Slope ADC
2008
logo
Analog Devices
AD1018 AD-AD1018 Datasheet
72Kb / 2P
   High Precision Analog Front End
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
   Precision Analog Front End and Controller
AD8452 AD-AD8452 Datasheet
743Kb / 35P
   Precision Integrated Analog Front End, Controller
ADPD105 AD-ADPD105 Datasheet
884Kb / 66P
   Photometric Front Ends
ADPD1080 AD-ADPD1080 Datasheet
1Mb / 74P
   Photometric Front Ends
AD1030 AD-AD1030 Datasheet
78Kb / 2P
   High Precision Analog Front End with TEC/PMIC
Rev. Sp0
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com