Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1965IDD-3.3-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT1965IDD-3.3-PBF
Description  1.1A, Low Noise, Low Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1965IDD-3.3-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1965IDD-3.3-PBF Datasheet HTML 5Page - Linear Technology LT1965IDD-3.3-PBF Datasheet HTML 6Page - Linear Technology LT1965IDD-3.3-PBF Datasheet HTML 7Page - Linear Technology LT1965IDD-3.3-PBF Datasheet HTML 8Page - Linear Technology LT1965IDD-3.3-PBF Datasheet HTML 9Page - Linear Technology LT1965IDD-3.3-PBF Datasheet HTML 10Page - Linear Technology LT1965IDD-3.3-PBF Datasheet HTML 11Page - Linear Technology LT1965IDD-3.3-PBF Datasheet HTML 12Page - Linear Technology LT1965IDD-3.3-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT1965 Series
9
1965fa
TYPICAL PERFORMANCE CHARACTERISTICS
SHDN Pin Input Current
ADJ Pin Bias Current
Current Limit vs VIN – VOUT
Current Limit vs Temperature
Reverse Output Current
Reverse Output Current
Ripple Rejection vs Frequency
SHDN Pin Input Current
SHDN PIN VOLTAGE (V)
0
2
4
6
1
3
5
4
8
12
16
20
2
0
6
10
14
18
1965 G11
5.0
5.2
5.4
5.6
5.8
6.0
5.1
5.3
5.5
5.7
5.9
1965 G12
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
VSHDN = 20V
0
1.0
2.0
3.0
4.0
4.5
0.5
1.5
2.5
3.5
1965 G13
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
0.0
0.5
1.5
2.5
1.0
2.0
1965 G30
INPUT/OUTPUT DIFFERENTIAL (V)
02468
10 12 14 16 18
20
ΔVOUT = 100mV
TJ = –50°C
TJ = 125°C
TJ = 25°C
0
1.0
2.0
3.0
0.5
1.5
2.5
1965 G15
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
VIN = 7V
VOUT = 0V
0
2
4
6
1
3
5
1965 G32
OUTPUT VOLTAGE (V)
01
4
3
2
56789
LT1965
LT1965-1.5
LT1965-1.8
LT1965-3.3
TJ = 25°C
VIN = 0V
VOUT = VADJ (LT1965)
VOUT = VSENSE
(LT1965-1.5/-1.8/-2.5/-3.3)
CURRENT FLOWS INTO
OUTPUT PIN
LT1965-2.5
0.00
0.10
0.45
0.40
0.35
0.30
0.25
0.20
0.50
0.05
0.15
1965 G33
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
LT1965
VIN = 0V
VOUT = 1.2V (LT1965)
VOUT = 1.5V (LT1965-1.5)
VOUT = 1.8V (LT1965-1.8)
VOUT = 2.5V (LT1965-2.5)
VOUT = 3.3V (LT1965-3.3)
LT1965-1.5/-1.8/-2.5/-3.3
FREQUENCY (Hz)
20
30
50
60
80
90
10
1k
10k
1M
10
100
100k
70
40
0
1965 G34
IL = 0.75A
COUT = 10μF CERAMIC
VIN = VOUT(NOMINAL)
+ 1V + 50mVRMS RIPPLE


Similar Part No. - LT1965IDD-3.3-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1965IDD-3.3-PBF LINER-LT1965IDD-3.3-PBF Datasheet
245Kb / 20P
   1.1A, Low Noise, Low Dropout Linear Regulator
More results

Similar Description - LT1965IDD-3.3-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1965 LINER-LT1965_15 Datasheet
981Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
LT1965EMS8E LINER-LT1965EMS8E Datasheet
245Kb / 20P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Integrated Syste...
LT1965EMS8E LINEAR-LT1965EMS8E Datasheet
908Kb / 22P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Linear Technology
LT1965 LINER-LT1965 Datasheet
208Kb / 16P
   1.1A, Low Noise, Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
   300mA Low-Noise Low-Dropout Linear Regulator
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com