Electronic Components Datasheet Search |
|
LT1976IFE Datasheet(PDF) 3 Page - Linear Technology |
|
LT1976IFE Datasheet(HTML) 3 Page - Linear Technology |
3 / 28 page LT1976/LT1976B 3 1976bfg SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS IPK SW Current Limit LT1976 ● 1.5 2.4 3.5 A LT1976B 1.2 2.5 4 A Switch On Resistance (Note 9) ● 0.2 0.4 Ω Switching Frequency BOOST = OPEN ● 180 200 230 kHz Maximum Duty Cycle 90 92 % Minimum SYNC Amplitude 1.5 2.0 V SYNC Frequency Range 230 600 kHz SYNC Input Impedance SYNC = 0.5V 100 k Ω ICSS CSS Current Threshold (Note 10) FB = 0V 7 13 20 μA IPGFB PGFB Input Current 25 100 nA VPGFB PGFB Voltage Threshold (Note 11) ● 88 90 92 % ICT CT Source Current (Note 11) ● 2 3.6 5.5 μA CT Sink Current (Note 11) 1 2 mA VCT CT Voltage Threshold (Note 11) 1.16 1.2 1.26 V PG Leakage (Note 11) PG = 12V 0.1 1 μA PG Sink Current (Note 11) PGFB = 1V, PG = 400mV 120 200 μA ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full –40°C to 125°C operating temperature range, otherwise specifications are at TJ = 25 °C. VIN = 12V, SHDN = 12V, BOOST = 15.3V, BIAS = 5V, FB/PGFB = 1.25V, CSS/SYNC = 0V unless otherwise noted. The ● denotes the specifications which apply over the full –40 °C to 140°C operating temperature range, otherwise specifications are at TJ = 25 °C. VIN = 12V, SHDN = 12V, BOOST = 15.3V, BIAS = 5V, FB/PGFB = 1.25V, CSS/SYNC = 0V unless otherwise noted. SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS VSHDN SHDN Threshold ● 1.2 1.3 1.4 V ISHDN SHDN Input Current SHDN = 12V ● 520 μA Minimum Input Voltage (Note 3) ● 2.4 3 V IVINS Supply Shutdown Current SHDN = 0V, BOOST = 0V, FB/PGFB = 0V 0.1 2 μA Supply Sleep Current (Note 4) (LT1976) BIAS = 0V, FB = 1.35V ● 170 300 μA FB = 1.35V ● 45 100 μA IVIN Supply Quiescent Current BIAS = 0V, FB = 1.15V, VC = 0.8V 3.2 4.10 mA BIAS = 5V, FB = 1.15V, VC = 0.8V 2.6 3.25 mA Minimum BIAS Voltage (Note 5) ● 2.7 3 V IBIASS BIAS Sleep Current (Note 4) ● 110 180 μA IBIAS BIAS Quiescent Current SYNC = 3.3V 700 800 μA Minimum Boost Voltage (Note 6) ISW = 1.5A 1.8 2.5 V Input Boost Current (Note 7) ISW = 1.5A 40 50 mA VREF Reference Voltage (VREF) 3.3V < VVIN < 60V ● 1.212 1.25 1.288 V IFB FB Input Bias Current 75 200 nA EA Voltage Gain (Note 8) 900 V/V EA Voltage gm dI(VC)= ±10μA 400 650 800 μMho EA Source Current FB = 1.15V 20 40 55 μA EA Sink Current FB = 1.35V 15 30 40 μA VC to SW gm 3A/V VC High Clamp 2.1 2.2 2.4 V |
Similar Part No. - LT1976IFE |
|
Similar Description - LT1976IFE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |