Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1991AIDD-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT1991AIDD-PBF
Description  Precision, 100關A Gain Selectable Amplifi er
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1991AIDD-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1991AIDD-PBF Datasheet HTML 5Page - Linear Technology LT1991AIDD-PBF Datasheet HTML 6Page - Linear Technology LT1991AIDD-PBF Datasheet HTML 7Page - Linear Technology LT1991AIDD-PBF Datasheet HTML 8Page - Linear Technology LT1991AIDD-PBF Datasheet HTML 9Page - Linear Technology LT1991AIDD-PBF Datasheet HTML 10Page - Linear Technology LT1991AIDD-PBF Datasheet HTML 11Page - Linear Technology LT1991AIDD-PBF Datasheet HTML 12Page - Linear Technology LT1991AIDD-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LT1991
9
1991fg
TYPICAL PERFORMANCE CHARACTERISTICS
P1 (Pin 1): Noninverting Gain-of-1 input. Connects a 450k
internal resistor to the op amp’s noninverting input.
P3 (Pin 2): Noninverting Gain-of-3 input. Connects a 150k
internal resistor to the op amp’s noninverting input.
P9 (Pin 3): Noninverting Gain-of-9 input. Connects a 50k
internal resistor to the op amp’s noninverting input.
VEE (Pin 4): Negative Power Supply. Can be either ground
(in single supply applications), or a negative voltage (in
split supply applications).
REF (Pin 5): Reference Input. Sets the output level when
difference between inputs is zero. Connects a 450k internal
resistor to the op amp’s noninverting input.
OUT (Pin 6): Output. VOUT = VREF + 1 • (VP1 – VM1) + 3 •
(VP3 – VM3) + 9 • (VP9 – VM9).
VCC (Pin 7): Positive Power Supply. Can be anything from
2.7V to 36V above the VEE voltage.
M9 (Pin 8): Inverting Gain-of-9 input. Connects a 50k
internal resistor to the op amp’s inverting input.
M3 (Pin 9): Inverting Gain-of-3 input. Connects a 150k
internal resistor to the op amp’s inverting input.
M1 (Pin 10): Inverting Gain-of-1 input. Connects a 450k
internal resistor to the op amp’s inverting input.
Exposed Pad: Must be soldered to PCB.
(Difference Amplifier Configuration)
50mV/DIV
5μs/DIV
GAIN = 1
1991 G18
50mV/DIV
5μs/DIV
1991 G19
GAIN = 3
50mV/DIV
5μs/DIV
GAIN = 9
1991 G20
Small Signal Transient Response
Small Signal Transient Response
Small Signal Transient Response
LT1991
1991 BD
9
8
2
3
4
5
7
6
10
1
M1
M3
M9
P1
P3
P9
VCC
VEE
OUT
REF
50k
50k
150k
150k
450k
450k
450k
450k
INM
INP
OUT
4pF
4pF
PIN FUNCTIONS
BLOCK DIAGRAM


Similar Part No. - LT1991AIDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1991AIDD LINEAR-LT1991AIDD Datasheet
296Kb / 24P
   Precision, 100UA Gain Selectable Amplifier
More results

Similar Description - LT1991AIDD-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6411 LINER-LT6411_15 Datasheet
367Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
LT6411 LINER-LT6411 Datasheet
361Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
logo
API Technologies Corp
BXMF1043 APITECH-BXMF1043 Datasheet
324Kb / 2P
   Automatic Gain Controlled Amplifi er
logo
Microchip Technology
MCP6G01 MICROCHIP-MCP6G01 Datasheet
1Mb / 36P
   110 關A Selectable Gain Amplifier
2006
MCP6G01 MICROCHIP-MCP6G01_06 Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
logo
MRV Communications, Inc...
EM800-OABT MRV-EM800-OABT Datasheet
1Mb / 2P
   LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
logo
Linear Technology
LTC6102 LINER-LTC6102 Datasheet
250Kb / 20P
   Precision Zero Drift Current Sense Amplifi er
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com