Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1991HDD-TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT1991HDD-TRPBF
Description  Precision, 100關A Gain Selectable Amplifi er
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1991HDD-TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1991HDD-TRPBF Datasheet HTML 6Page - Linear Technology LT1991HDD-TRPBF Datasheet HTML 7Page - Linear Technology LT1991HDD-TRPBF Datasheet HTML 8Page - Linear Technology LT1991HDD-TRPBF Datasheet HTML 9Page - Linear Technology LT1991HDD-TRPBF Datasheet HTML 10Page - Linear Technology LT1991HDD-TRPBF Datasheet HTML 11Page - Linear Technology LT1991HDD-TRPBF Datasheet HTML 12Page - Linear Technology LT1991HDD-TRPBF Datasheet HTML 13Page - Linear Technology LT1991HDD-TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LT1991
10
1991fg
Introduction
The LT1991 may be the last op amp you ever have to stock.
Because it provides you with several precision matched
resistors, you can easily configure it into several different
classical gain circuits without adding external components.
The several pages of simple circuits in this data sheet
demonstrate just how easy the LT1991 is to use. It can
be configured into difference amplifiers, as well as into
inverting and noninverting single ended amplifiers. The
fact that the resistors and op amp are provided together
in such a small package will often save you board space
and reduce complexity for easy probing.
The Op Amp
The op amp internal to the LT1991 is a precision device
with 15μV typical offset voltage and 3nA input bias current.
The input offset current is extremely low, so matching the
source resistance seen by the op amp inputs will provide
for the best output accuracy. The op amp inputs are not
rail-to-rail, but extend to within 1.2V of VCC and 1V of
VEE. For many configurations though, the chip inputs will
function rail-to-rail because of effective attenuation to the
+input. The output is truly rail-to-rail, getting to within
40mV of the supply rails. The gain bandwidth product of
the op amp is about 560kHz. In noise gains of 2 or more,
it is stable into capacitive loads up to 500pF. In noise gains
below 2, it is stable into capacitive loads up to 100pF.
The Resistors
The resistors internal to the LT1991 are very well matched
SiChrome based elements protected with barrier metal.
Although their absolute tolerance is fairly poor (±30%),
their matching is to within 0.04%. This allows the chip to
achieve a CMRR of 75dB, and gain errors within 0.04%.
The resistor values are 50k, 150k, and 2 of 450k, con-
nected to each of the inputs. The resistors have power
limitations of 1watt for the 450k resistors, 0.3watt for the
150k resistors and 0.5watt for the 50k resistors; however,
in practice, power dissipation will be limited well below
these values by the maximum voltage allowed on the
input and REF pins. The 450k resistors connected to the
M1 and P1 inputs are isolated from the substrate, and can
therefore be taken beyond the supply voltages. The naming
of the pins “P1,” “P3,” “P9,” etc., is based on their relative
admittances. Because it has 9 times the admittance, the
voltage applied to the P9 input has 9 times the effect of
the voltage applied to the P1 input.
Bandwidth
The bandwidth of the LT1991 will depend on the gain you
select (or more accurately the noise gain resulting from
the gain you select). In the lowest configurable gain of 1,
the –3dB bandwidth is limited to 450kHz, with peaking of
about 2dB at 280kHz. In the highest configurable gains,
bandwidth is limited to 32kHz.
Input Noise
The LT1991 input noise is dominated by the Johnson
noise of the internal resistors (√4kTR). Paralleling all
four resistors to the +input gives a 32.1kΩ resistance, for
23nV/√Hz of voltage noise. The equivalent network on the
–input gives another 23nV/√Hz , and taking their RMS sum
gives a total 33nV/√Hz input referred noise floor. Output
noise depends on configuration and noise gain.
Input Resistance
The LT1991 input resistances vary with configuration, but
once configured are apparent on inspection. Note that
resistors connected to the op amp’s –input are looking
into a virtual ground, so they simply parallel. Any feedback
resistance around the op amp does not contribute to input
resistance. Resistors connected to the op amp’s +input
are looking into a high impedance, so they add as paral-
lel or series depending on how they are connected, and
whether or not some of them are grounded. The op amp
+input itself presents a very high GΩ impedance. In the
classical noninverting op amp configuration, the LT1991
presents the high input impedance of the op amp, as is
usual for the noninverting case.
Common Mode Input Voltage Range
The LT1991 valid common mode input range is limited
by three factors:
1. Maximum allowed voltage on the pins
2. The input voltage range of the internal op amp
3. Valid output voltage
APPLICATIONS INFORMATION


Similar Part No. - LT1991HDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LT1991 LINEAR-LT1991 Datasheet
296Kb / 24P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LT1991 LINER-LT1991 Datasheet
204Kb / 8P
   Quad Matched Resistor Network Long-Term Stability: <2ppm at 2000 Hrs
LT1991 LINER-LT1991 Datasheet
759Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LT1991 LINER-LT1991 Datasheet
761Kb / 36P
   SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
More results

Similar Description - LT1991HDD-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6411 LINER-LT6411_15 Datasheet
367Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
LT6411 LINER-LT6411 Datasheet
361Kb / 16P
   650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er
logo
API Technologies Corp
BXMF1043 APITECH-BXMF1043 Datasheet
324Kb / 2P
   Automatic Gain Controlled Amplifi er
logo
Microchip Technology
MCP6G01 MICROCHIP-MCP6G01 Datasheet
1Mb / 36P
   110 關A Selectable Gain Amplifier
2006
MCP6G01 MICROCHIP-MCP6G01_06 Datasheet
1Mb / 38P
   110 關A Selectable Gain Amplifier
2006
logo
MRV Communications, Inc...
EM800-OABT MRV-EM800-OABT Datasheet
1Mb / 2P
   LambdaDriver짰 - Tunable Gain EDFA Optical Amplifi er
logo
Linear Technology
LTC6102 LINER-LTC6102 Datasheet
250Kb / 20P
   Precision Zero Drift Current Sense Amplifi er
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com