Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4428EOA Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC4428EOA
Description  1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4428EOA Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC4428EOA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4428EOA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4428EOA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4428EOA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4428EOA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4428EOA Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-248
TELCOM SEMICONDUCTOR, INC.
TYPICAL CHARACTERISTICS
Rise TIme vs. Capacitive Load
Rise and Fall Times vs. Temperature
tRISE
TEMPERATURE (
°C)
C
= 1000 pF
LOAD
V
= 17.5V
DD
Propagation Delay vs. Supply Voltage
46
8
10
12
14
16
18
Fall Time vs. Supply Voltage
100 pF
470 pF
1000 pF
2200 pF
1500 pF
46
8
10
12
14
16
18
Rise Time vs. Supply Voltage
VDD
100 pF
470 pF
2200 pF
TA = 25°C
TA = 25°C
1500 pF
100
1000
10,000
C
(pF)
LOAD
5V
10V
15V
Fall TIme vs. Capacitive Load
100
1000
10,000
5V
10V
60
–55 –35
5
25
45
65
85
105 125
–15
60
46
8
10
12
14
16
18
t D2
tD1
C
= 1000 pF
LOAD
100
VDD
C
(pF)
LOAD
tFALL
VDD
1000 pF
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
50
40
30
20
10
50
40
30
20
10
15V
TA = 25°C
TA = 25°C
TA = 25°C
1.5A DUAL HIGH-SPEED
POWER MOSFET DRIVERS
TC4426
TC4427
TC4428


Similar Part No. - TC4428EOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4428EOA MICROCHIP-TC4428EOA Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4428EOA MICROCHIP-TC4428EOA Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4428EOA713 MICROCHIP-TC4428EOA713 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
More results

Similar Description - TC4428EOA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426M MICROCHIP-TC4426M Datasheet
209Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
   1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
   1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC4426 MICROCHIP-TC4426_13 Datasheet
356Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
   1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A Datasheet
501Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com