Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7109A Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC7109A
Description  12-BIT UP-COMPATIBLE ANALOG-TO-DIGITAL CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7109A Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC7109A Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7109A Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7109A Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7109A Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7109A Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7109A Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7109A Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7109A Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7109A Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3-93
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
ELECTRICAL CHARACTERISTICS (Cont.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VREF
Ref Out Voltage
Referenced to V+, 25 k
– 2.4
– 2.8
– 3.2
V
Between V+ and Ref Out
TCREF
Ref Out Temperature
25 k
Ω Between V+ and Ref Out
80
ppm/
°C
Coefficient
0
°C ≤ TA ≤ +70°C
Digital
VOH
Output High Voltage
TC7109: IOUT = 100 µA
3.5
4.3
V
TC7109A: IOUT = 700 µA
Pins 3–16, 18, 19, 20
VOL
Output Low Voltage
IOUT = 1.6 mA
0.2
0.4
V
Output Leakage Current
Pins 3–16 High Impedance
±0.01
±1
µA
Control I/O
Pins 18, 19, 20 VOUT = V+–3V
5
µA
Pull-Up Current
Mode Input at GND
Control I/O Loading
HBEN, Pin 19; LBEN, Pin 18
50
pF
VIH
Input High Voltage
Pins 18–21, 26, 27
2.5
V
Referenced to GND
VIL
Input Low Voltage
Pins 18-21, 26, 27
1
V
Referenced to GND
Input Pull-Up Current
Pins 26, 27; VOUT = V+–3V
5
µA
Pins 17, 24; VOUT = V+–3V
25
µA
Input Pull-Down Current
Pin 21; VOUT = GND = +3V
1
µA
Oscillator Output Current, High
VOUT = 2.5V
1
mA
Oscillator Output Current, Low
VOUT = 2.5V
1.5
mA
Buffered Oscillator Output
VOUT = 2.5V
2
mA
Current, High
Buffered Oscillator Output
VOUT = 2.5V
5
mA
Current, Low
tW
Mode Input Pulse Width
60
nsec
HANDLING PRECAUTIONS: These devices are CMOS and must be handled correctly to prevent damage. Package
and store only in conductive foam, anti-static tubes, or other conducting material. Use proper anti-static handling
procedures. Do not connect in circuits under "power-on" conditions, as high transients may cause permanent
damage.
TC7109
TC7109A
12-BIT
µP-COMPATIBLE
ANALOG-TO-DIGITAL CONVERTERS


Similar Part No. - TC7109A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7109A MICROCHIP-TC7109A Datasheet
378Kb / 32P
   12-Bit ?쵡-Compatible Analog-to-Digital Converters
11/29/12
More results

Similar Description - TC7109A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7109 MICROCHIP-TC7109_13 Datasheet
378Kb / 32P
   12-Bit ?쵡-Compatible Analog-to-Digital Converters
11/29/12
TC7109 MICROCHIP-TC7109 Datasheet
496Kb / 30P
   12-Bit 關A-Compatible Analog-to-Digital Converters
2006
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HZ12BGC MURATA-PS-DAC-HZ12BGC Datasheet
97Kb / 4P
   12-Bit, Industry-Standard Digital-to-Analog Converters
logo
List of Unclassifed Man...
DAC-HZ ETC-DAC-HZ Datasheet
96Kb / 4P
   12-Bit, Industry-Standard Digital-to-Analog Converters
logo
Texas Instruments
TLC5618ACDR TI1-TLC5618ACDR Datasheet
636Kb / 24P
[Old version datasheet]   PROGRAMMABLE DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com