Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS81B Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BSS81B
Description  NPN Silicon Switching Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BSS81B Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BSS81B Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BSS81B Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
NPN Silicon Switching Transistors
BSS79,BSS81
Features
High DC current gain: 0.1mA to 500 mA.
Low collector-emitter saturation voltage.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
BSS79
BSS81
Unit
Collector-emitter voltage
VCEO
40
35
V
Collector-base voltage
VCBO
V
Emitter-base voltage
VEBO
V
Collector current
IC
mA
Peak collector current
ICM
A
Base current
IB
mA
Peak base current
IBM
mA
Total power dissipation,TS =77
Ptot
mW
Junction temperature
Tj
Storage temperature
Tstg
Junction - soldering point
RthJS
K/W
75
6
330
150
-65to+150
220
800
1
200
100


Similar Part No. - BSS81B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS81B SIEMENS-BSS81B Datasheet
157Kb / 5P
   NPN Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
logo
Infineon Technologies A...
BSS81B INFINEON-BSS81B Datasheet
55Kb / 5P
   NPN Silicon Switching Transistors
Nov-30-2001
More results

Similar Description - BSS81B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PZT2222 SIEMENS-PZT2222 Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
Boca Semiconductor Corp...
2N5320 BOCA-2N5320 Datasheet
75Kb / 2P
   SWITCHING TRANSISTORS (NPN SILICON)
logo
STMicroelectronics
TIP47 STMICROELECTRONICS-TIP47 Datasheet
49Kb / 4P
   SILICON NPN SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_07 Datasheet
146Kb / 13P
   NPN Silicon Switching Transistors
2007-09-20
logo
Siemens Semiconductor G...
SMBT2222 SIEMENS-SMBT2222 Datasheet
155Kb / 6P
   NPN Silicon Switching Transistors
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646 Datasheet
77Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Infineon Technologies A...
SMBT3904 INFINEON-SMBT3904_12 Datasheet
867Kb / 11P
   NPN Silicon Switching Transistors
2012-08-21
logo
Central Semiconductor C...
2N3646 CENTRAL-2N3646_15 Datasheet
78Kb / 1P
   NPN SILICON SWITCHING TRANSISTORS
logo
Leshan Radio Company
MMBT2369LT1 LRC-MMBT2369LT1 Datasheet
214Kb / 5P
   Switching Transistors(NPN Silicon)
logo
ON Semiconductor
MPS2369 ONSEMI-MPS2369 Datasheet
41Kb / 4P
   Switching Transistors(NPN Silicon)
June, 2001 ??Rev. 2
MMBT2369LT1 ONSEMI-MMBT2369LT1_07 Datasheet
88Kb / 6P
   Switching Transistors NPN Silicon
January, 2007 ??Rev. 5
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com