Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7126 Datasheet(PDF) 8 Page - TelCom Semiconductor, Inc

Part # TC7126
Description  3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7126 Datasheet(HTML) 8 Page - TelCom Semiconductor, Inc

Back Button TC7126 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7126 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7126 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7126 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7126 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7126 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7126 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7126 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7126 Datasheet HTML 12Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
3-224
TELCOM SEMICONDUCTOR, INC.
3-1/2 DIGIT
ANALOG-TO-DIGITAL CONVERTERS
TC7126
TC7126A
The TC7126A is a drop-in replacement for the TC7126
and ICL7126 that offers a greatly improved internal refer-
ence temperature coefficient. No external component value
changes are required to upgrade existing designs.
COMPONENT VALUE SELECTION
Auto-Zero Capacitor (CAZ)
The CAZ size has some influence on system noise. A
0.33
µF capacitor is recommended for 200 mV full-scale
applications where 1 LSB is 100
µV. A 0.033 µF capacitor is
adequate for 2V full-scale applications. A Mylar-type dielec-
tric capacitor is adequate.
Reference Voltage Capacitor (CREF)
The reference voltage, used to ramp the integrator
output voltage back to zero during the reference integrate
phase, is stored on CREF. A 0.1 µF capacitor is acceptable
when VREF– is tied to analog common. If a large common-
mode voltage exists (VREF– ≠ analog common) and the
application requires a 200 mV full scale, increase CREF to
1
µF. Roll-over error will be held to less than 0.5 count. A
Mylar-type dielectric capacitor is adequate.
Integrating Capacitor (CINT)
CINT should be selected to maximize integrator output
voltage swing without causing output saturation. Due to
the TC7126A's superior analog common temperature co-
efficient specification, analog common will normally sup-
ply the differential voltage reference. For this case, a
±2V
full-scale integrator output swing is satisfactory. For 3
readings per second (fOSC = 48 kHz), a 0.047 µF value is
suggested. For 1 reading per second, 0.15
µF is recom-
mended. If a different oscillator frequency is used, CINT
must be changed in inverse proportion to maintain the
nominal
±2V integrator swing.
An exact expression for CINT is:
When a segment driver is in-phase with the backplane
signal, the segment is OFF. An out-of-phase segment drive
signal causes the segment to be ON, or visible. This AC drive
configuration results in negligible DC voltage across each
LCD segment, ensuring long LCD life. The polarity segment
driver is ON for negative analog inputs. If VIN+ and VIN– are
reversed, this indicator would reverse.
On the TC7126A, when the TEST pin is pulled to V+, all
segments are turned ON. The display reads –1888. During
this mode, LCD segments have a constant DC voltage
impressed. DO NOT LEAVE THE DISPLAY IN THIS MODE
FOR MORE THAN SEVERAL MINUTES; LCDS MAY BE
DESTROYED IF OPERATED WITH DC LEVELS FOR
EXTENDED PERIODS.
The display font and segment drive assignment are
shown in Figure 4.
System Timing
The oscillator frequency is
4 prior to clocking the
internal decade counters. The three-phase measurement
cycle takes a total of 4000 counts (16,000 clock pulses).
The 4000-count cycle is independent of input signal magni-
tude.
Each phase of the measurement cycle has the following
length:
(1) Auto-zero phase: 1000 to 3000 counts
(4000 to 12,000 clock pulses)
For signals less than full scale, the auto-zero phase
is assigned the unused reference integrate time
period.
(2) Signal integrate:
1000 counts
(4000 clock pulses)
This time period is fixed. The integration period is:
tSI = 4000
,
where fOSC is the externally-set clock frequency.
(3) Reference integrate: 0 to 2000 counts
(0 to 8000 clock pulses)
where: fOSC = Clock frequency at pin 38
VFS = Full-scale input voltage
RINT = Integrating resistor
VINT = Desired full-scale integrator output swing.
At 3 readings per second, a 750
Ω resistor should be
placed in series with CINT. This increases accuracy by
compensating for comparator delay. CINT must have low
dielectric absorption to minimize roll-over error. A polypro-
pylene capacitor is recommended.
1
fOSC
DISPLAY FONT
1000's
100's
10's
1's
Figure 4. Display Font and Segment Assignment
CINT =,
((
)
)
(4000)
VINT
1
fOSC
VFS
RINT


Similar Part No. - TC7126

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7126 MICROCHIP-TC7126 Datasheet
429Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7126A MICROCHIP-TC7126A Datasheet
553Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7126A MICROCHIP-TC7126A Datasheet
429Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7126A MICROCHIP-TC7126A Datasheet
330Kb / 28P
   3-1/2 Digit Analog-to-Digital Converters
11/29/12
More results

Similar Description - TC7126

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7126 MICROCHIP-TC7126_13 Datasheet
330Kb / 28P
   3-1/2 Digit Analog-to-Digital Converters
11/29/12
TC7107RCPL MICROCHIP-TC7107RCPL Datasheet
411Kb / 34P
   3-1/2 Digit Analog-to-Digital Converters
01/02/08
logo
TelCom Semiconductor, I...
TC7116 TELCOM-TC7116 Datasheet
218Kb / 14P
   3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
logo
Microchip Technology
TC7116 MICROCHIP-TC7116_06 Datasheet
425Kb / 24P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2006
TC7116 MICROCHIP-TC7116_13 Datasheet
322Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters with Hold
11/29/12
logo
TelCom Semiconductor, I...
TC7136 TELCOM-TC7136 Datasheet
192Kb / 12P
   LOW POWER, 3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com