Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7106CKW Datasheet(PDF) 8 Page - TelCom Semiconductor, Inc

Part # TC7106CKW
Description  3-1/2 DIGIT A/D CONVERTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7106CKW Datasheet(HTML) 8 Page - TelCom Semiconductor, Inc

Back Button TC7106CKW Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7106CKW Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7106CKW Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7106CKW Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7106CKW Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7106CKW Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7106CKW Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7106CKW Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7106CKW Datasheet HTML 12Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TC7106A
THOUSANDS
HUNDREDS
TENS
UNITS
÷4
39
OSC
V
TEST
1
TO SWITCH DRIVERS
FROM COMPARATOR OUTPUT
CLOCK
7 SEGMENT
DECODE
40
38
2
OSC3
OSC1
CONTROL LOGIC
26
500
DATA LATCH
+
BUFF
CREF
RINT
V
+
CAZ
VINT
28
29
27
33
36
34
10
µA
31
A/Z
INT
AZ & DE (
±)
32
INT
26
INTEGRATOR
TO
DIGITAL
SECTION
DE (+)
DE
(–)
DE
(+)
DE (–)
ANALOG
COMMON
C REF
+
V IN
+
V IN
V
CINT
VREF
+
VREF
A/Z
CREF
+
35
+
LCD SEGMENT DRIVERS
÷ 200
BACKPLANE
fOSC
V
VTH
= 1V
V
+
INTERNAL DIGITAL GOUND
LOW
TEMPCO
VREF
COMPARATOR
A/Z
V+– 3.0V
1
ROSC
COSC
7 SEGMENT
DECODE
7 SEGMENT
DECODE
21
TYPICAL SEGMENT OUTPUT
INTERNAL DIGITAL GROUND
SEGMENT
OUTPUT
V
+
0.5mA
2mA
6.2V
LCD DISPLAY
+
37
A/Z
30


Similar Part No. - TC7106CKW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7106CKW713 MICROCHIP-TC7106CKW713 Datasheet
411Kb / 34P
   3-1/2 Digit Analog-to-Digital Converters
01/02/08
More results

Similar Description - TC7106CKW

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC14433 TELCOM-TC14433 Datasheet
149Kb / 10P
   3-1/2 DIGIT A/D CONVERTERS
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
National Semiconductor ...
ADC3511 NSC-ADC3511 Datasheet
286Kb / 9P
   3 1/2 DIGIT MICROPROCESSOR COMPATIBLE A/D
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Renesas Technology Corp
CA3162 RENESAS-CA3162 Datasheet
464Kb / 8P
   A/D Converters for 3-Digit Display
logo
Intersil Corporation
CA3162 INTERSIL-CA3162 Datasheet
109Kb / 7P
   A/D Converters for 3-Digit Display
August 1997
CA3162 INTERSIL-CA3162_02 Datasheet
579Kb / 7P
   A/D Converters for 3-Digit Display
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com