Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7135 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC7135
Description  4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7135 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC7135 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7135 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7135 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7135 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7135 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7135 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7135 Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7135 Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7135 Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
3-113
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
GENERAL DESCRIPTION
The TC7135 4-1/2 digit analog-to-digital converter (ADC)
offers 50 ppm (1 part in 20,000) resolution with a maximum
nonlinearity error of 1 count. An auto-zero cycle reduces zero
error to below 10
µV and zero drift to 0.5 µV/°C. Source
impedance errors are minimized by a 10 pA maximum input
current. Roll-over error is limited to
±1 count.
By combining the TC7135 with a TC7211A (LCD) or
TC7212A (LED) driver, a 4-1/2 digit display DVM or DPM can
be constructed. Overrange and underrange signals support
automatic range switching and special display blanking/flash-
ing applications.
Microprocessor-based measurement systems are sup-
ported by BUSY, STROBE, and RUN/HOLD control signals.
Remote data acquisition systems with data transfer via UARTs
are also possible. The additional control pins and multiplexed
BCD outputs make the TC7135 the ideal converter for dis-
play or microprocessor-based measurement systems.
TC7135
ORDERING INFORMATION
Temperature
Part No.
Package
Range
TC7135CBU
64-Pin Plastic
0
°C to +70°C
Flat Package
TC7135CLI
28-Pin PLCC
0
°C to +70°C
TC7135CPI
28-Pin Plastic DIP
0
°C to +70°C
TC7135
–5V
V
REF IN
ANALOG
COMMON
UR
OR
STROBE
RUN/HOLD
DGND
POL
CLOCK
BUSY
D1
D2
D3
0.1 µF
0.47 µF
1 µF
ANALOG
GROUND
100 k
0.1
µF
INPUT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
+5V
28
27
26
25
24
23
22
21
20
19
TC04
+5V
1/4 CD4030
CLOCK IN
+5V
BP
D
D
D
D
1
2
3
4
4-1/2 DIGIT LCD
SEGMENT
D
R
I
V
E
5
31
32
33
34
30
29
28
27
TC7211A
SEG
OUT
OSC
GND
36
+5V
+5V
1
CD4081
1 1615 1412 5 3 4
7 8 13 11 10 9 2 6
CD4054A
OPTIONAL
CAP
35
15
120 Hz = 3 READING/SEC
BACKPLANE
B
B
B
B
3
2
1
0
D4
B8
B4
18
17
16
100 k
100 k
6.8 k
1 µF
INT OUT
AZ IN
BUFF OUT
CREF
CREF
–INPUT
+INPUT
V
D5
B1
B2
+
V
+
2,3,4
6–26
37–40
+
+5V
FEATURES
s
Low Roll-Over Error .........................
±1 Count Max
s
Guaranteed Nonlinearity Error ........
±1 Count Max
s
Guaranteed Zero Reading for 0V Input
s
True Polarity Indication at Zero for Null Detection
s
Multiplexed BCD Data Output
s
TTL-Compatible Outputs
s
Differential Input
s
Control Signals Permit Interface to UARTs and
µProcessors
s
Auto-Ranging Supported With Overrange and
Underrange Signals
s
Blinking Display Visually Indicates Overrange
Condition
s
Low Input Current ............................................. 1 pA
s
Low Zero Reading Drift ............................... 2
µV/°C
s
Interfaces to TC7211A (LCD) and TC7212A (LED)
Display Drivers
s
Available in DIP and Surface-Mount Packages
TYPICAL 4-1/2 DIGIT DVM WITH LCD
4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER
TC7135-10 11/6/96


Similar Part No. - TC7135

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7135 MICROCHIP-TC7135 Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
TC7135CBU MICROCHIP-TC7135CBU Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
TC7135CBU MICROCHIP-TC7135CBU Datasheet
457Kb / 24P
   4-1/2 Digit A/D Converter
2004
TC7135CKW MICROCHIP-TC7135CKW Datasheet
457Kb / 24P
   4-1/2 Digit A/D Converter
2004
TC7135CLI MICROCHIP-TC7135CLI Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
More results

Similar Description - TC7135

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC14433 MICROCHIP-TC14433 Datasheet
501Kb / 20P
   3-1/2 Digit, Analog-to-Digital Converter
2002
TC14433 MICROCHIP-TC14433_08 Datasheet
401Kb / 24P
   3-1/2 Digit, Analog-to-Digital Converter
2008
logo
Texas Instruments
ICL7135C TI-ICL7135C_08 Datasheet
448Kb / 16P
[Old version datasheet]   4 1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7136 MICROCHIP-TC7136 Datasheet
534Kb / 22P
   Low Power 3-1/2 Digit Analog-to-Digital Converter
2002
logo
TelCom Semiconductor, I...
TC7129 TELCOM-TC7129 Datasheet
214Kb / 15P
   4-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTER WITH ON-CHIP LCD DRIVERS
logo
Microchip Technology
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2006
logo
Texas Instruments
ICL7135C TI1-ICL7135C_16 Datasheet
677Kb / 18P
[Old version datasheet]   1/2-DIGIT PRECISION ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com