Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC71EOA Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC71EOA
Description  MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC71EOA Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC71EOA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC71EOA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC71EOA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC71EOA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC71EOA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC71EOA Datasheet HTML 6Page - TelCom Semiconductor, Inc TC71EOA Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5-11
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
Figure 1. TC70 Typical Application
VCC
CE
WDD
VCCO
CEO
TC70
ADDRESS
DECODER
ADDRESS
CMOS
RAM
I/O
RESET
RESET
PROCESSOR
+5V
+3V LI
BATTERY
R2
13K
R1
10K
+5V
VBATT
VCC
GND
CEI
RS
data corruption during power up and power down. The
battery switchover circuit compares VCC to the VBATT input
and connects VCCO to whichever is higher. Switchover
(VSW) occurs when VCC is 10mV below VBATT as VCC falls,
and when VCC is 10mV more than VBATT as VCC rises. The
battery switchover comparator has 20mV of hysteresis to
prevent switch chattering if VCC falls very slowly.
Integrated Battery Backup (TC71)
The TC71 differs from the TC70 in that it has a Power
Fail (PF) output instead of a gated chip enable (CEI, CEO).
PF must be externally gated with the decode for the CMOS
RAM or other device to be battery-backed. (Many CMOS
RAMs have both CE and CE enables. In this case, the PF
output can be connected directly to the CE input of the RAM).
PF is high as long as VCC is greater than 4.5V nominal.
When VCC falls below 4.5V nominal, PF is driven low.
Battery switchover for the TC71 is otherwise identical to that
of the TC70.
Supply Monitor Noise Sensitivity
The TC70/71 is optimized for fast response to negative-
going changes in VDD. Systems with an inordinate amount
of electrical noise on VDD (such as systems using relays),
may require a 0.1
µF bypass capacitor to reduce detection
sensitivity. This capacitor should be installed as close to the
TC70/71 as possible to keep the capacitor lead length short.
TYPICAL APPLICATIONS
Figure 1 shows a full feature implementation of the
TC70; Figure 2 shows the TC71. Resistors R1 and R2 of
Figure 2 set the trip point voltage for the early power fail
warning circuit using the TC71 threshold detector.
Resistor Value Selection
The values of R1 and R2 must be chosen to ensure a
valid low strobe level (VSTL) on RS when the processor I/O
line is low. The use of 10k
Ω, ±5% tolerance resistors are
recommended. These values result in a nominal strobe level
of 2.83V on RS (min/max of 2.43V/3.24V, assuming
VDD = 5.0V ±10%). Other resistor values can be used, so
long as the additive tolerances of the power supply and
resistor values result in a strobe that falls within VSTH and
VSTL under all additive tolerance conditions.
External Override Reset Control
A built-in debounce circuit allows a pushbutton switch
(or other electronic reset signal) to be wire-ORed to RS as
an external reset override (Figure 4). The external reset
signal is required to be an active low signal of at least
20msec in duration. Internally, this input is timed to provide
a minimum reset pulse width output of 500msec.
Threshold Detector
The TC71 issues a low-true output on the TDO pin any
time the TDI pin is less than 1.3V and VCC is greater than
VBATT. The voltage to be monitored is connected to the TDI
input through a simple resistor divider. The threshold detec-
tor can be used to generate an early power fail warning if the
unregulated DC input to the +5V regulator is available for
monitoring.
Integrated Battery Backup (TC70)
The CEO line (TC70) drives the CE input of a CMOS
RAM or other device to be battery-backed. CEO follows CEI
as long as VCC is greater than 4.5V nominal. If VCC falls
below 4.5V nominal, CEO is driven to the potential of VCCO
thus write protecting the RAM and preventing accidental
TC70
TC71
MICROMASTER™ – SYSTEM SUPERVISOR
WITH POWER SUPPLY MONITOR, WATCHDOG
AND BATTERY BACKUP


Similar Part No. - TC71EOA

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC71 CDE-TC71 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
logo
TelCom Semiconductor, I...
TC7106 TELCOM-TC7106 Datasheet
296Kb / 19P
   3-1/2 DIGIT A/D CONVERTERS
logo
Microchip Technology
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7106 MICROCHIP-TC7106 Datasheet
411Kb / 34P
   3-1/2 Digit Analog-to-Digital Converters
01/02/08
logo
TelCom Semiconductor, I...
TC7106A TELCOM-TC7106A Datasheet
296Kb / 19P
   3-1/2 DIGIT A/D CONVERTERS
More results

Similar Description - TC71EOA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC32M MICROCHIP-TC32M_13 Datasheet
155Kb / 14P
   ECONOMONITOR????3-Pin System Supervisor with Power Supply Monitor and Watchdog
11/27/12 2001-2012
logo
TelCom Semiconductor, I...
TC32M TELCOM-TC32M Datasheet
57Kb / 4P
   ECONOMONITOR - 3-PIN SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR AND WATCHDOG
logo
Microchip Technology
TC32M MICROCHIP-TC32M_06 Datasheet
253Kb / 12P
   ECONOMONITOR- 3-Pin System Supervisor with Power Supply Monitor and Watchdog
2006
TC32M MICROCHIP-TC32M Datasheet
450Kb / 12P
   ECONOMONITOR?? 3-Pin System Supervisor with Power Supply Monitor and Watchdog
2002
logo
Alliance Semiconductor ...
ASM690 ALSC-ASM690 Datasheet
323Kb / 13P
   UP Power Supply Supervisor With Battery Backup Switch
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
   關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
logo
PulseCore Semiconductor
ASM690A PULSECORE-ASM690A Datasheet
348Kb / 15P
   關P Power Supply Supervisor With Battery Backup Switch
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com