Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC848W Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC848W
Description  NPN General Purpose Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC848W Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BC848W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC848W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.kexin.com.cn
2
SMD Type
IC
SMD Type
Transistors
BC846W,BC847W,BC848W
Electrical Characteristics Ta = 25
Symbol
Testconditons
Min
Typ
Max
Unit
ICBO
VCB =30V; IE = 0
15
nA
ICBO
VCB =30V; IE = 0;Tj = 150
5ìA
IEBO
VEB =5V; IC = 0
100
nA
BC846W
110
450
BC847W,BC848W
110
800
BC846AW,BC847AW
110
180
220
BC846BW,BC847BW
200
290
450
BC847CW
420
520
800
IC =10mA; IB = 0.5 mA
90
250
mV
IC = 100 mA; IB = 5 mA; *
200
600
mV
IC =10mA; IB = 0.5 mA
700
mV
IC = 100 mA; IB = 5 mA;*
900
mV
IC =2mA; VCE = 5 V
580
660
700
mV
IC =10mA; VCE = 5 V
770
mV
CC
VCB =10V; IE =Ie=0;f = 1MHz
3
pF
fT
VCE =5V; IC = 10 mA;f = 100 MHz
100
MHz
NF
IC = 200 ìA; VCE =5V;RS = 2 kÙ;f=
1 kHz;B = 200 Hz
10
dB
* Pulse test: tp
300µs, ä
0.02.
Transition frequency
Parameter
DC current gain
hFE
Collector-emitter saturation voltage
VCE(sat)
Noise figure
IC =2mA; VCE =5V
Collector cutoff current
Collector capacitance
Emitter cutoff current
Base-emitter saturation voltage
VBE(sat)
VBE
Base-emitter voltage
hFE Classification
TYPE
BC846W
BC846AW
BC846BW
Marking
1D
1A
1B
TYPE
BC847W
BC847AW
BC847BW
BC847CW
Marking
1H
1E
1F
1G
TYPE
BC848W
Marking
1M


Similar Part No. - BC848W

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BC848W KEC-BC848W Datasheet
251Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, SWITCHING)
logo
Guangdong Kexin Industr...
BC848W KEXIN-BC848W Datasheet
1Mb / 2P
   NPN Transistors
logo
Infineon Technologies A...
BC848W INFINEON-BC848W Datasheet
229Kb / 8P
   NPN Silicon AF Transistors
Dec-11-2001
logo
KEC(Korea Electronics)
BC848W KEC-BC848W Datasheet
357Kb / 3P
   EPITAXIAL PLANAR NPN TRANSISTOR
logo
Diotec Semiconductor
BC848W DIOTEC-BC848W Datasheet
185Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC848W

ManufacturerPart #DatasheetDescription
logo
Rohm
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
   NPN general purpose transistor
logo
Pan Jit International I...
BC546 PANJIT-BC546 Datasheet
160Kb / 5P
   NPN GENERAL PURPOSE TRANSISTOR
logo
Weitron Technology
BC337 WEITRON-BC337 Datasheet
256Kb / 4P
   NPN General Purpose Transistor
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
   NPN General Purpose Transistor
logo
NXP Semiconductors
2PC4617J PHILIPS-2PC4617J Datasheet
40Kb / 8P
   NPN general purpose transistor
1999 May 04
2PC1815 PHILIPS-2PC1815 Datasheet
42Kb / 8P
   NPN general purpose transistor
1999 May 28
2PC4617 PHILIPS-2PC4617 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 May 21
MPSA06 PHILIPS-MPSA06 Datasheet
41Kb / 8P
   NPN general purpose transistor
1999 Apr 27
2PD1820A NXP-2PD1820A Datasheet
107Kb / 6P
   NPN general purpose transistor
1997 May 22
PMBTA06 NXP-PMBTA06 Datasheet
102Kb / 6P
   NPN general purpose transistor
2004 Jan 22
logo
Shenzhen Ping Sheng Ele...
BC846 PFS-BC846 Datasheet
210Kb / 4P
   NPN general purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com