Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC860W Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BC860W
Description  PNP General Purpose Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BC860W Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BC860W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BC860W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
PNP General Purpose Transistor
BC859W,BC860W
1 Emitter
2 Base
3 Collector
Features
Low current (max. 100 mA).
Low voltage (max. 45 V).
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
BC859W
BC860W
Unit
Collector-base voltage
VCBO
-30
-50
V
Collector-emitter voltage
VCEO
-30
-45
V
Emitter-base voltage
VEBO
V
Collector current
IC
mA
Peak collector current
ICM
mA
Peak base current
IBM
mA
Total power dissipation
Ptot
mW
Junction temperature
Tj
Storage temperature
Tstg
Operating ambient temperature
Ramb
Thermal resistance from junction to ambient
Rth j-a
K/W
-5
-65to+150
-65to+150
625
-100
-200
-200
200
150


Similar Part No. - BC860W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC860W PHILIPS-BC860W Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Infineon Technologies A...
BC860W INFINEON-BC860W Datasheet
229Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC860W DIOTEC-BC860W Datasheet
184Kb / 2P
   Surface mount Si-Epitaxial PlanarTransistors
logo
Guangdong Kexin Industr...
BC860W KEXIN-BC860W Datasheet
69Kb / 2P
   PNP General Purpose Transistors
logo
SEMTECH ELECTRONICS LTD...
BC860W SEMTECH_ELEC-BC860W Datasheet
278Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
More results

Similar Description - BC860W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSS9015B PHILIPS-PSS9015B Datasheet
59Kb / 7P
   PNP general purpose transistor
2004 Aug 10
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
   PNP general purpose transistor
1999 May 18
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
   PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 May 31
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
   PNP general purpose transistor
1999 Apr 27
logo
Samsung semiconductor
MMBT4125 SAMSUNG-MMBT4125 Datasheet
30Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
logo
Bruckewell Technology L...
MMBTA55-A56 BWTECH-MMBTA55-A56 Datasheet
201Kb / 3P
   PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT3906T BILIN-MMBT3906T Datasheet
167Kb / 4P
   PNP General Purpose Transistor
MMBTA55 BILIN-MMBTA55_13 Datasheet
117Kb / 3P
   PNP General Purpose Transistor
MMST5401 BILIN-MMST5401_14 Datasheet
173Kb / 4P
   PNP General Purpose Transistor
2SA1774 BILIN-2SA1774 Datasheet
165Kb / 4P
   PNP General Purpose Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com