Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD45H11 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MJD45H11
Description  Complementary Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MJD45H11 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MJD45H11 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MJD45H11 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-emitter sustaining voltage
VCEo(sus) IC =30mA, IB =0
80
V
Collector cutoff current
ICES
VCE = Rated VCEO,VEB =0
10
ìA
Emitter cutoff current
IEBO
VBE =5V, IC =0
50
ìA
Collector-emitter saturation voltage
VCE(sat) IC =8A, IB =0.4 A
1
V
Base-emitter saturation voltage
VBE(sat) IC =8A, IB = 0.8 A
1.5
V
IC =2A, VCE =1V
60
IC =4A, VCE =1V
40
Collector capacitance
Ccb
VCB = 10 V,ftest = 1 MHz
230
pF
Current-gain-bandwidth product *2
fT
IC =0.5 A,VCE =10V,f =20MHz
40
MHz
Delay and rise times
td +tr
IC =5A, IB1 = 0.5 A
135
ns
Storage time
ts
IC =5A, IB1=IB2 = 0.5 A
500
ns
Fall time
tf
IC =5A, IB1=IB2 = 0.5 A
100
ns
DC current gain
hFE
MJD45H11
Marking
Marking
J45H11


Similar Part No. - MJD45H11

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD45H11 MOTOROLA-MJD45H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS
logo
Powerex Power Semicondu...
MJD45H11 POWEREX-MJD45H11 Datasheet
263Kb / 7P
   Gate Driver
logo
ON Semiconductor
MJD45H11 ONSEMI-MJD45H11 Datasheet
192Kb / 6P
   SILICON POWER TRANSISTORS
August, 2004 ??Rev. 6
logo
Rectron Semiconductor
MJD45H11 RECTRON-MJD45H11 Datasheet
301Kb / 2P
   Designed for general purpose power and switching
logo
STMicroelectronics
MJD45H11 STMICROELECTRONICS-MJD45H11 Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON PNP TRANSISTORS
More results

Similar Description - MJD45H11

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJD2955 STMICROELECTRONICS-MJD2955_02 Datasheet
188Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
logo
ON Semiconductor
2N3773 ONSEMI-2N3773 Datasheet
205Kb / 6P
   COMPLEMENTARY POWER TRANSISTORS
1995 REV 7
MJD2955-1G ONSEMI-MJD2955-1G Datasheet
184Kb / 7P
   Complementary Power Transistors
February, 2012 ??Rev. 12
logo
STMicroelectronics
TIP2955 STMICROELECTRONICS-TIP2955_08 Datasheet
88Kb / 7P
   Complementary power transistors
logo
ON Semiconductor
MJD31 ONSEMI-MJD31_11 Datasheet
135Kb / 10P
   Complementary Power Transistors
February, 2011 ??Rev. 8
MJD31 ONSEMI-MJD31_16 Datasheet
100Kb / 10P
   Complementary Power Transistors
September, 2016 ??Rev. 16
MJD2955 ONSEMI-MJD2955_13 Datasheet
138Kb / 7P
   Complementary Power Transistors
August, 2013 ??Rev. 13
MJD44H11 ONSEMI-MJD44H11_V01 Datasheet
310Kb / 11P
   Complementary Power Transistors
August, 2021 ??Rev. 21
MJD2955 ONSEMI-MJD2955 Datasheet
147Kb / 6P
   Complementary Power Transistors
1997 REV 2
MJD31 ONSEMI-MJD31_05 Datasheet
81Kb / 8P
   Complementary Power Transistors
June, 2005 ??Rev. 6
logo
List of Unclassifed Man...
2N6109 ETC2-2N6109 Datasheet
365Kb / 6P
   Complementary Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com