Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP20A Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BSP20A
Description  NPN Silicon Epitaxial Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BSP20A Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BSP20A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
SOT-223
Unit: mm
3.00+0.1
-0.1
0.70+0.1
-0.1
2.9
4.6
6.50+0.2
-0.2
3.50+0.2
-0.2
0.90+0.2
-0.2
7.00+0.3
-0.3
12
4
3
1 Base
2 Collector
3 Emitter
4 Collector
NPN Silicon Epitaxial Transistor
BSP20A
Features
High Voltage: V(BR)CEO of 250 and 350 Volts.
Available in 12 mm Tape and Reel
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Emitter Voltage (Open Base)
VCEO
250
V
Collector-Base Voltage (Open Emitter)
VCBO
300
V
Emitter-Base Voltage (Open Collector)
VEBO
5V
Collector Current (DC)
IC
1000
mA
Total Power Dissipation @ TA = 25
*
0.8
Watts
Derate above 25
6.4
mW/
Storage Temperature Range
Tstg
-65to150
Junction Temperature
TJ
150
Thermal Resistance from Junction-to-Ambient
RèJA
156
/W
Maximum Temperature for Soldering Purposes
260
Time in Solder Bath
10
Sec
* Device mounted on a FR-4 glass epoxy printed circuit board using minimum recommended footprint.
PD
TL
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC =1.0 mA, IB = 0
250
V
Collector-Base Cutoff Current
ICBO
VCB = 400 V, IE = 0
20
nA
Emitter-Base Cutoff Current
IEBO
VEB =5.0 V, IC =0
10
mA
DC Current Gain *
hFE
IC =20mA, VCE =10V
40
Current-Gain — Bandwidth Product *
fT
IC =10mA, VCE =10V, f = 5.0MHz
70
MHz
Collector-Emitter Saturation Voltage *
VCE(sat)
IC =50mA, IB =4.0 mA
0.5
V
Base-Emitter Saturation Voltage *
VBE(sat)
IC =50mA, IB =4.0 mA
1.3
V
* Pulse Test: Pulse Width
300 ìs, Duty Cycle = 2.0%
Marking
Marking
SP20A


Similar Part No. - BSP20A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BSP20AT1 MOTOROLA-BSP20AT1 Datasheet
119Kb / 6P
   SOT.223 PACKAGE NPN SILICON HIGH VOLTAGE TRANSISTOR SURFACE MOUNT
More results

Similar Description - BSP20A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com