Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7117CLW Datasheet(PDF) 11 Page - TelCom Semiconductor, Inc

Part # TC7117CLW
Description  3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7117CLW Datasheet(HTML) 11 Page - TelCom Semiconductor, Inc

Back Button TC7117CLW Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7117CLW Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7117CLW Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7117CLW Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7117CLW Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7117CLW Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7117CLW Datasheet HTML 12Page - TelCom Semiconductor, Inc TC7117CLW Datasheet HTML 13Page - TelCom Semiconductor, Inc TC7117CLW Datasheet HTML 14Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
3-213
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
3-1/2 DIGIT ANALOG-TO-DIGITAL
CONVERTERS WITH HOLD
TC7116
TC7116A
TC7117
TC7117A
COMPONENT VALUE SELECTION
Auto-Zero Capacitor
The size of the auto-zero capacitor has some influ-
ence on system noise. For 200 mV full scale, where noise
is very important, a 0.47
µF capacitor is recommended. On
the 2V scale, a 0.047
µF capacitor increases the speed of
recovery from overload and is adequate for noise on this
scale.
Reference Capacitor
A 0.1
µF capacitor is acceptable in most applications.
However, where a large common-mode voltage exists (i.e.,
the V
IN pin is not at analog common), and a 200-mV scale
is used, a larger value is required to prevent roll-over error.
Generally, 1
µF will hold the roll-over error to 0.5 count in
this instance.
Integrating Capacitor
The integrating capacitor should be selected to give the
maximum voltage swing that ensures tolerance build-up will
not saturate the integrator swing (approximately 0.3V from
either supply). In the TC7116/TC7116A or the TC7117/
TC7117A, when the analog common is used as a reference,
a nominal
±2V full- scale integrator swing is acceptable. For
the TC7117/TC7117A, with
±5V supplies and analog com-
mon tied to supply ground, a
±3.5V to ±4V swing is nominal.
For 3 readings per second (48 kHz clock), nominal values
for CINT are 0.22 µ1F and 0.10 µF, respectively. If different
oscillator frequencies are used, these values should be
changed in inverse proportion to maintain the output swing.
The integrating capacitor must have low dielectric ab-
sorption to prevent roll-over errors. Polypropylene capaci-
tors are recommended for this application.
Integrating Resistor
Both the buffer amplifier and the integrator have a class
A output stage with 100
µA of quiescent current. They can
supply 20
µA of drive current with negligible nonlinearity.
The integrating resistor should be large enough to remain
in this very linear region over the input voltage range, but
small enough that undue leakage requirements are not
placed on the PC board. For 2V full scale, 470 k
Ω is near
optimum and, similarly, 47 k
Ω for 200 mV full scale.
Oscillator Components
For all frequency ranges, a 100-k
Ω resistor is recom-
mended; the capacitor is selected from the equation:
For a 48 kHz clock (3 readings per second), C = 100 pF.
Figure 10. Negative Power Supply Generation With TC7660
VREF
+
V
+
TC7117
TC7117A
36
10 µF
VIN
+
VIN
COM
GND
32
31
30
21
10 µF
VIN
V
(–5V)
5
3
8
2
4
+5V
35
TC7660
26
+
+
+
TC04
LED
DRIVE
Reference Voltage
To generate full-scale output (2000 counts), the analog
input requirement is VIN = 2 VREF. Thus, for the 200 mV and
2V scale, VREF should equal 100 mV and 1V, respectively.
In many applications, where the ADC is connected to a
transducer, a scale factor exists between the input voltage
and the digital reading. For instance, in a measuring system
the designer might like to have a full-scale reading when the
voltage from the transducer is 700 mV. Instead of dividing
the input down to 200 mV, the designer should use the input
voltage directly and select VREF = 350 mV. Suitable values
for integrating resistor and capacitor would be 120 k
Ω and
0.22
µF. This makes the system slightly quieter and also
avoids a divider network on the input. The TC7117/TC7117A,
with
±5V supplies, can accept input signals up to ±4V.
Another advantage of this system is when a digital reading
of zero is desired for VIN ≠ 0. Temperature and weighing
systems with a variable tare are examples. This offset
reading can be conveniently generated by connecting the
voltage transducer between V
+
IN and analog common, and
the variable (or fixed) offset voltage between analog com-
mon and V
IN.
TC7117/TC7117A POWER SUPPLIES
The TC7117/TC7117A are designed to operate from
±5V supplies. However, if a negative supply is not available,
it can be generated with a TC7660 DC-to-DC converter and
two capacitors. Figure 10 shows this application.
In selected applications, a negative supply is not re-
quired. The conditions for using a single +5V supply are:
(1) The input signal can be referenced to the center of
the common-mode range of the converter.
(2) The signal is less than
±1.5V.
(3) An external reference is used.
45
RC
f =
.


Similar Part No. - TC7117CLW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7117CLW MICROCHIP-TC7117CLW Datasheet
549Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2002
More results

Similar Description - TC7117CLW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7116 MICROCHIP-TC7116_13 Datasheet
322Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters with Hold
11/29/12
TC7116 MICROCHIP-TC7116_06 Datasheet
425Kb / 24P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2006
TC7116 MICROCHIP-TC7116 Datasheet
549Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2002
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters
2002
logo
TelCom Semiconductor, I...
TC7126 TELCOM-TC7126 Datasheet
198Kb / 13P
   3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7126 MICROCHIP-TC7126_13 Datasheet
330Kb / 28P
   3-1/2 Digit Analog-to-Digital Converters
11/29/12
TC7107RCPL MICROCHIP-TC7107RCPL Datasheet
411Kb / 34P
   3-1/2 Digit Analog-to-Digital Converters
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com