Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTDG23YP Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # DTDG23YP
Description  Digital Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

DTDG23YP Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  DTDG23YP Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd DTDG23YP Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd DTDG23YP Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.kexin.com.cn
3
SMD Type
Transistors
DTDG23YP


Similar Part No. - DTDG23YP

ManufacturerPart #DatasheetDescription
logo
Rohm
DTDG23YP ROHM-DTDG23YP Datasheet
75Kb / 3P
   1A / 60V Digital transistor (with built-in resistors and zener diode)
DTDG23YP ROHM-DTDG23YP Datasheet
1Mb / 6P
   1A/60V Digital Transistor
DTDG23YPFRA ROHM-DTDG23YPFRA Datasheet
886Kb / 7P
   60V/1A Digital Transistor (with built-in resistor and zener diode)
DTDG23YP ROHM-DTDG23YP_1 Datasheet
75Kb / 3P
   1A / 60V Digital transistor (with built-in resistors and zener diode)
More results

Similar Description - DTDG23YP

ManufacturerPart #DatasheetDescription
logo
Zhaoxingwei Electronics...
LTA014EMT2L ZHAOXINGWEI-LTA014EMT2L Datasheet
230Kb / 3P
   Digital Transistors
logo
Unisonic Technologies
DTA114T UTC-DTA114T_15 Datasheet
175Kb / 3P
   DIGITAL TRANSISTORS
DTA115T UTC-DTA115T_15 Datasheet
167Kb / 3P
   DIGITAL TRANSISTORS
DTB123Y UTC-DTB123Y_15 Datasheet
211Kb / 3P
   DIGITAL TRANSISTORS
logo
Guangdong Kexin Industr...
DTA114EE KEXIN-DTA114EE Datasheet
178Kb / 3P
   Digital Transistors
DTA114TCA KEXIN-DTA114TCA Datasheet
126Kb / 2P
   Digital Transistors
logo
Micro Commercial Compon...
DTC123ECA MCC-DTC123ECA Datasheet
245Kb / 2P
   Digital Transistors
DTC123JUA MCC-DTC123JUA_13 Datasheet
251Kb / 3P
   Digital Transistors
logo
Guangdong Kexin Industr...
DTA124EUA KEXIN-DTA124EUA Datasheet
97Kb / 2P
   Digital Transistors
logo
Micro Commercial Compon...
DTA123JCA MCC-DTA123JCA_13 Datasheet
238Kb / 3P
   Digital Transistors
DTA123JCA MCC-DTA123JCA_09 Datasheet
132Kb / 3P
   Digital Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com