Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7660EPA Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC7660EPA
Description  CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7660EPA Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC7660EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7660EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7660EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7660EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7660EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7660EPA Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7660EPA Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7660EPA Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7660EPA Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4-54
TELCOM SEMICONDUCTOR, INC.
TC7660
CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER
TYPICAL CHARACTERISTICS (Cont.)
2
0
Output Voltage vs. Load Current
1
0
–1
–2
123
4
5
6
7
8
LOAD CURRENT (mA)
SLOPE 150
TA = +25°C
V+ = +2V
LOAD CURRENT (mA)
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
TA = +25°C
V+ = +5V
Supply Current and Power Conversion Efficiency vs. Load Current
0
LOAD CURRENT (mA)
10
20
30
40
50
60
70
80
90
100
1.5
3.0
4.5
6.0
7.5
9.0
0
2
4
6
8
10
12
14
16
18
20
TA = +25°C
V+ = 2V
OUTPUT CURRENT (mA)
0
0
Output Voltage vs. Output Current
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
10
20 30 40 50
60 70 80
90 100
TA = +25°C
LV OPEN
LOAD CURRENT (mA)
Output Voltage vs. Load Current
1
0
5
4
3
2
0
–1
–2
–3
–4
–5
10
20
30
40
50
60
70
80
TA = +25°C
V+ = +5V
SLOPE 55


Similar Part No. - TC7660EPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7660EPA MICROCHIP-TC7660EPA Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660EPA MICROCHIP-TC7660EPA Datasheet
386Kb / 18P
   Charge Pump DC-to-DC Voltage Converter
2002
TC7660EPA MICROCHIP-TC7660EPA Datasheet
334Kb / 18P
   5V To 짹10V Voltage Converter
2005
TC7660EPA MICROCHIP-TC7660EPA Datasheet
1Mb / 20P
   Charge Pump DC-to-DC Voltage Converter
11/29/11
More results

Similar Description - TC7660EPA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7660 MICROCHIP-TC7660 Datasheet
91Kb / 12P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
   Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
Microchip Technology
TC1044S MICROCHIP-TC1044S Datasheet
92Kb / 11P
   Charge Pump DC-TO-DC Voltage Converter
2001
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
Microchip Technology
TC7660 MICROCHIP-TC7660_16 Datasheet
1Mb / 20P
   Charge Pump DC-to-DC Voltage Converter
11/29/11
TC7660 MICROCHIP-TC7660_02 Datasheet
386Kb / 18P
   Charge Pump DC-to-DC Voltage Converter
2002
TC7662B MICROCHIP-TC7662B Datasheet
92Kb / 11P
   CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
TC7660S MICROCHIP-TC7660S Datasheet
95Kb / 11P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
2001
logo
TelCom Semiconductor, I...
TC7660S TELCOM-TC7660S Datasheet
136Kb / 8P
   SUPER CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com