Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7117CPL Datasheet(PDF) 6 Page - TelCom Semiconductor, Inc

Part # TC7117CPL
Description  3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7117CPL Datasheet(HTML) 6 Page - TelCom Semiconductor, Inc

Back Button TC7117CPL Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7117CPL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7117CPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7117CPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7117CPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7117CPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7117CPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7117CPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7117CPL Datasheet HTML 10Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
3-208
TELCOM SEMICONDUCTOR, INC.
TC7116
TC7116A
TC7117
TC7117A
PIN DESCRIPTION (Cont.)
40-Pin CerDIP
44-Pin
40-Pin PDIP
Plastic Quad
Pin Number
Flat Package
Normal
Pin Number
Symbol
Description
33
41
C
REF
See pin 34.
34
42
C
+
REF
A 0.1
µF capacitor is used in most applications. If a
large, common-mode voltage exists (e.g., the VIN
pin is
not at analog common), and a 200 mV scale is used, a 1
µF capacitor is recommended and will hold the roll-over
error to 0.5 count.
35
43
V+
Positive power supply voltage.
36
44
V
+
REF
The analog input required to generate a full-scale output
(1999 counts). Place 100 mV between pins 32 and 36
for 199.9 mV full scale. Place 1V between pins 32 and
36 for 2V full scale. See paragraph on Reference
Voltage.
37
3
TEST
Lamp test. When pulled HIGH (to V+), all segments will
be turned on and the display should read –1888. It may
also be used as a negative supply for externally-
generated decimal points. See Test paragraph for more
details.
38
4
OSC3
See pin 40.
39
6
OSC2
See pin 40.
40
7
OSC1
Pins 40, 39 and 38 make up the oscillator section. For
a 48 kHz clock (3 readings per sec), connect pin 40 to
the junction of a 100 k
Ω resistor and a 100 pF capacitor.
The 100 k
Ω resistor is tied to pin 39 and the 100 pF
capacitor is tied to pin 38.
3-1/2 DIGIT ANALOG-TO-DIGITAL
CONVERTERS WITH HOLD


Similar Part No. - TC7117CPL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7117CPL MICROCHIP-TC7117CPL Datasheet
549Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2002
More results

Similar Description - TC7117CPL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7116 MICROCHIP-TC7116_13 Datasheet
322Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters with Hold
11/29/12
TC7116 MICROCHIP-TC7116_06 Datasheet
425Kb / 24P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2006
TC7116 MICROCHIP-TC7116 Datasheet
549Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters with Hold
2002
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2006
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
   3-1/2 Digit Analog-to-Digital Converters
2002
logo
TelCom Semiconductor, I...
TC7126 TELCOM-TC7126 Datasheet
198Kb / 13P
   3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7126 MICROCHIP-TC7126_13 Datasheet
330Kb / 28P
   3-1/2 Digit Analog-to-Digital Converters
11/29/12
TC7107RCPL MICROCHIP-TC7107RCPL Datasheet
411Kb / 34P
   3-1/2 Digit Analog-to-Digital Converters
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com