Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC820CKW Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TC820CKW
Description  3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC820CKW Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TC820CKW Datasheet HTML 1Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 2Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 3Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 4Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 5Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 6Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 7Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 8Page - TelCom Semiconductor, Inc TC820CKW Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
3-152
TELCOM SEMICONDUCTOR, INC.
ELECTRICAL CHARACTERISTICS (Cont.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Buzzer Frequency
fOSC = 40kHz
5
kHz
Counter Timebase Period
fOSC = 40kHz
1
Second
Low Battery Flag Voltage
VDD to VSS
6.7
7
7.3
V
VIL
Input Low Voltage
DGND + 1.5
V
VIH
Input High Voltage
VDD – 1.5
V
VOL
Output Low Voltage,
IL = 50µA
DGND + 0.4
V
UR, OR Outputs
VOL
Output High Voltage,
IL = 50µAVDD – 1.5
V
UR, OR Outputs
Control Pin
VIN = VDD
—5
µA
Pull-Down Current
PIN DESCRIPTION
Pin No.
Pin No.
(40-Pin
(44-Pin Flat
Package)
Package)
Symbol
Description
1
40
L-E4
LCD segment driver for L ("logic LOW"), polarity, and "e" segment of most
significant digit (MSD).
2
41
AGD4
LCD segment drive for "a," "g," and "d" segments of MSD.
3
42
BC4P3
LCD segment drive for "b" and "c" segments of MSD and decimal point 3.
4
43
HFE3
LCD segment drive for H ("logic HIGH"), and "f" and "e" segments of third LSD.
5
44
AGD3
LCD segment drive for "a," "g," and "d" segments of third LSD.
6
1
BC3P2
LCD segment drive for "b" and "c" segments of third LSD and decimal point 2.
7
2
OFE2
LCD segment drive for "overrange," and "f" and "e" segments of second LSD.
8
3
AGD2
LCD segment drive for "a," "g," and "d" segments of second LSD.
9
4
BC2P1
LCD segment drive for "b " and "c" segments of second LSD and decimal point 1.
10
5
PKFE1
LCD segment drive for "hold peak reading," and "f" and "e" segments of LSD.
11
6
AGD1
LCD segment drive for "a," "g," and "d" segments of LSD.
12
7
BC1BT
LCD segment drive for "b" and "c" segments of LSD and "low battery."
13
8
BP3
LCD backplane #3.
14
9
BP2
LCD backplane #2.
15
10
BP1
LCD backplane #1.
—11
VDISP
Sets peak LCD drive signal: VPEAK = (VDD ) –VDISP. VDISP may also be used to
compensate for temperature variation of LCD crystal threshold voltage.
16
12
DGND
Internal logic digital ground, the logic "0" level. Nominally 4.7V below VDD.
17
13
ANNUNC
Square-wave output at the backplane frequency, synchronized to BP1. ANNUNC
can be used to control display annunciators. Connecting an LCD segment to
ANNUNC turns it on; connecting it to its backplane turns it off.
18
14
LOGIC
Logic mode control input. When connected to VDD, the converter is in logic mode.
The LCD displays "OL" and the decimal point inputs control the HIGH and LOW
annunciators. When the "low" annunciator is on, the buzzer will also be on. When
unconnected or connected to DGND, the TC820 is in the voltage/frequency
measurement mode. This pin has a 5
µA internal pull-down to DGND.
19
15
RANGE/
Dual-purpose input. In range mode, when connected to VDD, the integration time
FREQ
will be 200 counts instead of 2000 counts and the LCD will display the analog input
divided by 10. (See text for limitation with TC820.) In frequency mode, this pin is the
frequency input. A digital signal applied to this pin will be measured with a 1-second
time base. There is an internal 5
µA pull-down to DGND.
3-3/4 A/D CONVERTER WITH
FREQUENCY COUNTER
AND LOGIC PROBE
TC820


Similar Part No. - TC820CKW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC820CKW MICROCHIP-TC820CKW Datasheet
616Kb / 28P
   3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
2002
More results

Similar Description - TC820CKW

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC820 MICROCHIP-TC820 Datasheet
616Kb / 28P
   3-3/4 Digit A/D Converter with Frequency Counter and Logic Probe
2002
logo
Cyrustek corporation
ES5120 CYRUSTEK-ES5120 Datasheet
811Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
logo
ESS Technology,Inc
ES5120 ESS-ES5120 Datasheet
290Kb / 29P
   3 3/4 DIGIT A/D CONVERTER
logo
Motorola, Inc
MC14553B MOTOROLA-MC14553B Datasheet
231Kb / 8P
   3-Digit BCD Counter
logo
ON Semiconductor
MC14553B ONSEMI-MC14553B Datasheet
178Kb / 12P
   3-Digit BCD Counter
March, 2000 ??Rev. 3
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
   3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Cyrustek corporation
ES51999 CYRUSTEK-ES51999 Datasheet
435Kb / 21P
   4 3/4 and 5 3/4 A/D AUTO
logo
NTE Electronics
NTE2054 NTE-NTE2054 Datasheet
23Kb / 3P
   Integrated Circuit A/D Converter for 3-Digit Display
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com