Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1994CMS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1994CMS8
Description  Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1994CMS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1994CMS8 Datasheet HTML 7Page - Linear Technology LT1994CMS8 Datasheet HTML 8Page - Linear Technology LT1994CMS8 Datasheet HTML 9Page - Linear Technology LT1994CMS8 Datasheet HTML 10Page - Linear Technology LT1994CMS8 Datasheet HTML 11Page - Linear Technology LT1994CMS8 Datasheet HTML 12Page - Linear Technology LT1994CMS8 Datasheet HTML 13Page - Linear Technology LT1994CMS8 Datasheet HTML 14Page - Linear Technology LT1994CMS8 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT1994
11
1994fa
a need for ADCs to process signals differentially in order
to maintain good signal to noise ratios. These ADCs are
typically supplied from a single supply voltage that can be
as low as 2.5V and will have an optimal common mode
input range near mid-supply. The LT1994 makes interfac-
ing to these ADCs trivial, by providing both single ended
to differential conversion as well as common mode level
shifting. Figure 1 shows a general single supply application
with perfectly matched feedback networks from OUT+ and
OUT. The gain to VOUTDIFF from VINM and VINP is:
VV
V
R
R
VV
OUTDIFF
OUT
OUT
F
I
INP
INM
=≈
()
+ –•
Note from the above equation that the differential output
voltage (VOUT
+ – V
OUT
) is completely independent of input
and output common mode voltages, or the voltage at the
common mode pin. This makes the LT1994 ideally suited
pre-amplification, level shifting, and conversion of single
ended signals to differential output signals in preparation
for driving differential input ADCs.
Effects of Resistor Pair Mismatch
Figure 2 shows a circuit diagram that takes into consid-
eration that real world resistors will not perfectly match.
Assuming infinite open loop gain, the differential output
relationship is given by the equation:
VV
V
R
R
V
VV
OUTDIFF
OUT
OUT
F
I
INDIFF
AVG
ICM
AVG
OCM
=≅
+
∆∆
+ –•
•–
,
β
β
β
β
where: RF is the average of RF1 and RF2, and RI is the
average of RI1 and RI2.
βAVG is defined as the average feedback factor (or gain)
from the outputs to their respective inputs:
βAVG
I
IF
I
IF
R
RR
R
RR
=
+
+
+
⎝⎜
⎠⎟
1
2
2
22
1
11
Δβ is defined as the difference in feedback factors:
∆=
++
β
R
RR
R
RR
I
IF
I
IF
2
22
1
11
VICM is defined as the average of the two input voltages,
VINP and VINM (also called the input common mode
voltage):
VV
V
ICM
INP
INM
=+
()
1
2
and VINDIFF is defined as the difference of the input
voltages:
VV
V
INDIFF
INP
INM
=
When the feedback ratios mismatch (Δβ), common mode
to differential conversion occurs.
Setting the differential input to zero (VINDIFF = 0), the de-
gree of common mode to differential conversion is given
APPLICATIO S I FOR ATIO
VOCM
0.1
µF
1994 F01
RI
RF
RL
V+
0.1
µF
0.1
µF
VCM
VSHDN
VINM
VINP
VOUTCM
3
7
6
8
1
2
5
4
V
VOUT
+
VIN
VOUT
VIN
+
RBAL
RBAL
0.1
µF
RI
RF
RL
+
+
LT1994
VOCM
Figure 1. Test Circuit
Figure 2. Real-World Application
1994 F02
RI2
RF2
RL
VS
VSHDNB
VINM
VINP
+
+
3
7
6
8
1
2
5
4
LT1994
VOCM
VOCM
VOUT
+
VIN
VOUT
VIN
+
0.1
µF
0.1
µF
RI1
RF1
RL
SHDN


Similar Part No. - LT1994CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1994 LINER-LT1994 Datasheet
223Kb / 16P
   1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1994 LINER-LT1994 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LT1994 LINER-LT1994 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LT1994 LINER-LT1994 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
LT1994 LINER-LT1994 Datasheet
213Kb / 16P
   2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
More results

Similar Description - LT1994CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1994 LINER-LT1994_15 Datasheet
231Kb / 20P
   Low Noise, Low Distortion Fully Differential Input/ Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1 Datasheet
218Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6403-1 LINER-LTC6403-1_15 Datasheet
242Kb / 20P
   200MHz, Low Noise, Low Power Fully Differential Input/Output Amplifi er/Driver
LTC6404 LINER-LTC6404_15 Datasheet
344Kb / 28P
   600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
LTC6404 LINER-LTC6404 Datasheet
344Kb / 28P
   600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
LT6402-12 LINER-LT6402-12 Datasheet
230Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 12dB)
LT6402-6 LINER-LT6402-6 Datasheet
236Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifi er/ ADC Driver (AV = 6dB)
LT1993-10 LINER-LT1993-10 Datasheet
739Kb / 16P
   700MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 10V/V)
LTC6410-6 LINER-LTC6410-6 Datasheet
345Kb / 16P
   Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
LT1993-2 LINER-LT1993-2 Datasheet
671Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifi er/ADC Driver (AV = 2V/V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com