Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3009EDC-PBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT3009EDC-PBF
Description  3關A IQ, 20mA Low Dropout Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3009EDC-PBF Datasheet(HTML) 3 Page - Linear Technology

  LT3009EDC-PBF Datasheet HTML 1Page - Linear Technology LT3009EDC-PBF Datasheet HTML 2Page - Linear Technology LT3009EDC-PBF Datasheet HTML 3Page - Linear Technology LT3009EDC-PBF Datasheet HTML 4Page - Linear Technology LT3009EDC-PBF Datasheet HTML 5Page - Linear Technology LT3009EDC-PBF Datasheet HTML 6Page - Linear Technology LT3009EDC-PBF Datasheet HTML 7Page - Linear Technology LT3009EDC-PBF Datasheet HTML 8Page - Linear Technology LT3009EDC-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3009 Series
3
3009fb
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3009ESC8#PBF
LT3009ESC8#TRPBF
LCQY
8-Lead Plastic SC70
–40°C to 125°C
LT3009ESC8-1.2#PBF
LT3009ESC8-1.2#TRPBF
LDTX
8-Lead Plastic SC70
–40°C to 125°C
LT3009ESC8-1.5#PBF
LT3009ESC8-1.5#TRPBF
LDVC
8-Lead Plastic SC70
–40°C to 125°C
LT3009ESC8-1.8#PBF
LT3009ESC8-1.8#TRPBF
LDKG
8-Lead Plastic SC70
–40°C to 125°C
LT3009ESC8-2.5#PBF
LT3009ESC8-2.5#TRPBF
LDTZ
8-Lead Plastic SC70
–40°C to 125°C
LT3009ESC8-3.3#PBF
LT3009ESC8-3.3#TRPBF
LDKH
8-Lead Plastic SC70
–40°C to 125°C
LT3009ESC8-5#PBF
LT3009ESC8-5#TRPBF
LDKJ
8-Lead Plastic SC70
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3009EDC
LT3009EDC#TR
LCQX
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009IDC
LT3009IDC#TR
LCQX
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009EDC-1.2
LT3009EDC-1.2#TR
LDTW
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009IDC-1.2
LT3009IDC-1.2#TR
LDTW
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009EDC-1.5
LT3009EDC-1.5#TR
LDVB
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009IDC-1.5
LT3009IDC-1.5#TR
LDVB
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009EDC-1.8
LT3009EDC-1.8#TR
LDKC
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009IDC-1.8
LT3009IDC-1.8#TR
LDKC
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009EDC-2.5
LT3009EDC-2.5#TR
LDTY
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009IDC-2.5
LT3009IDC-2.5#TR
LDTY
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009EDC-3.3
LT3009EDC-3.3#TR
LDKD
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009IDC-3.3
LT3009IDC-3.3#TR
LDKD
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009EDC-5
LT3009EDC-5#TR
LDKF
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009IDC-5
LT3009IDC-5#TR
LDKF
6-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3009ESC8
LT3009ESC8#TR
LCQY
8-Lead Plastic SC70
–40°C to 125°C
LT3009ESC8-1.2
LT3009ESC8-1.2#TR
LDTX
8-Lead Plastic SC70
–40°C to 125°C
LT3009ESC8-1.5
LT3009ESC8-1.5#TR
LDVC
8-Lead Plastic SC70
–40°C to 125°C
LT3009ESC8-1.8
LT3009ESC8-1.8#TR
LDKG
8-Lead Plastic SC70
–40°C to 125°C
LT3009ESC8-2.5
LT3009ESC8-2.5#TR
LDTZ
8-Lead Plastic SC70
–40°C to 125°C
LT3009ESC8-3.3
LT3009ESC8-3.3#TR
LDKH
8-Lead Plastic SC70
–40°C to 125°C
LT3009ESC8-5
LT3009ESC8-5#TR
LDKJ
8-Lead Plastic SC70
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION


Similar Part No. - LT3009EDC-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3009 LINER-LT3009 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3009 LINER-LT3009 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LT3009 LINER-LT3009 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3009 LINER-LT3009 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3009 LINER-LT3009 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
More results

Similar Description - LT3009EDC-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3009 LINER-LT3009_12 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008_12 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008 LINER-LT3008_1 Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT3008 LINER-LT3008 Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007_15 Datasheet
341Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators
logo
Maxim Integrated Produc...
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com