Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3008ITS8-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3008ITS8-PBF
Description  3關A IQ, 20mA, 45V Low Dropout Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3008ITS8-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3008ITS8-PBF Datasheet HTML 2Page - Linear Technology LT3008ITS8-PBF Datasheet HTML 3Page - Linear Technology LT3008ITS8-PBF Datasheet HTML 4Page - Linear Technology LT3008ITS8-PBF Datasheet HTML 5Page - Linear Technology LT3008ITS8-PBF Datasheet HTML 6Page - Linear Technology LT3008ITS8-PBF Datasheet HTML 7Page - Linear Technology LT3008ITS8-PBF Datasheet HTML 8Page - Linear Technology LT3008ITS8-PBF Datasheet HTML 9Page - Linear Technology LT3008ITS8-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT3008
6
3008f
TYPICAL PERFORMANCE CHARACTERISTICS T
J = 25°C, unless otherwise noted.
Load Regulation
Output Noise Spectral Density
FREQUENCY (Hz)
0.1
1
100
10
3008 G18
10
100
1k
10k
100k
5V
3.3V
2.5V
1.8V
1.5V
1V
0.6V
COUT = 2.2μF
ILOAD = 20mA
0
0.5
2
2.5
1.5
1
3
3.5
4
4.5
5
3008 G17
TEMPERATURE (°C)
–50
0
75
–25
25
150
50
100 125
IL = 1μA to 20mA
VOUT = 600mV
VIN = 2V
Input Ripple Rejection
60
80
30
40
50
70
20
10
0
3008 G16
TEMPERATURE (°C)
–50
0
75
–25
25
150
50
100 125
VIN = VOUT (NOMINAL) + 2V + 0.5VP-P
RIPPLE AT f = 120Hz
ILOAD = 20mA
Transient Response
Transient Response
500μs/DIV
VOUT
50mV/DIV
IOUT
20mA/DIV
3008 G22
IOUT = 1mA TO 20mA
VIN = 5.5V
VOUT = 5V
COUT = 10μF
500μs/DIV
VOUT
50mV/DIV
IOUT
20mA/DIV
3008 G21
IOUT = 1mA TO 20mA
VIN = 5.5V
VOUT = 5V
COUT = 2.2μF
RMS Output Noise
vs Load Current
ILOAD (mA)
0.001
350
450
400
500
10
3008 G19
300
250
0.01
0.1
1
100
200
100
150
50
0
3.3V
2.5V
1.8V
1.2V
0.6V
1.5V
5V
COUT = 10μF
Transient Response (Load Dump)
1ms/DIV
VOUT
50mV/DIV
45V
12V
VIN
10V/DIV
3008 G23
VOUT = 5V
IOUT = 20mA
COUT = 4.7μF


Similar Part No. - LT3008ITS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008ITS8-1.2 LINER-LT3008ITS8-1.2 Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008ITS8-1.2PBF LINER-LT3008ITS8-1.2PBF Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008ITS8-1.2TR LINER-LT3008ITS8-1.2TR Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008ITS8-1.2TRPBF LINER-LT3008ITS8-1.2TRPBF Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008ITS8-1.5 LINER-LT3008ITS8-1.5 Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
More results

Similar Description - LT3008ITS8-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008 LINER-LT3008_12 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008 LINER-LT3008_1 Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT3009 LINER-LT3009 Datasheet
224Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3009 LINER-LT3009_12 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007_15 Datasheet
341Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
   Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
   Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com