Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3011EDDPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LT3011EDDPBF
Description  50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3011EDDPBF Datasheet(HTML) 3 Page - Linear Technology

  LT3011EDDPBF Datasheet HTML 1Page - Linear Technology LT3011EDDPBF Datasheet HTML 2Page - Linear Technology LT3011EDDPBF Datasheet HTML 3Page - Linear Technology LT3011EDDPBF Datasheet HTML 4Page - Linear Technology LT3011EDDPBF Datasheet HTML 5Page - Linear Technology LT3011EDDPBF Datasheet HTML 6Page - Linear Technology LT3011EDDPBF Datasheet HTML 7Page - Linear Technology LT3011EDDPBF Datasheet HTML 8Page - Linear Technology LT3011EDDPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT3011
3
3011f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
ILOAD = 50mA
l
2.8
4
V
ADJ Pin Voltage (Notes 2, 3)
VIN = 3V, ILOAD = 1mA
4V < VIN < 80V, 1mA < ILOAD < 50mA
l
1.228
1.215
1.24
1.24
1.252
1.265
V
V
Line Regulation (Note 2)
ΔVIN = 3V to 80V, ILOAD = 1mA
l
112
mV
Load Regulation (Note 2)
VIN = 4V, ΔILOAD = 1mA to 50mA
VIN = 4V, ΔILOAD = 1mA to 50mA
l
615
25
mV
mV
Dropout Voltage
VIN = VOUT(NOMINAL) (Notes 4, 5)
ILOAD = 1mA
ILOAD = 1mA
l
100
150
190
mV
mV
ILOAD = 10mA
ILOAD = 10mA
l
200
260
350
mV
mV
ILOAD = 50mA
ILOAD = 50mA
l
300
370
550
mV
mV
GND Pin Current
VIN = VOUT(NOMINAL)
(Notes 4, 6)
ILOAD = 0mA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 50mA
l
l
l
l
46
105
410
1.9
90
200
700
3.3
μA
μA
μA
mA
Output Voltage Noise
COUT = 10μF, ILOAD = 50mA, BW = 10Hz to 100kHz, VOUT = 1.24V
100
μVRMS
ADJ Pin Bias Current
(Note 7 )
30
100
nA
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
l
l
0.3
1.3
1.1
2V
V
SHDN Pin Current (Note 8)
VSHDN = 0V
VSHDN = 6V
0.5
0.1
2
0.5
μA
μA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
1
5
μA
PWRGD Trip Point
% of Nominal Output Voltage, Output Rising
l
85
90
94
%
PWRGD Trip Point Hysteresis
% of Nominal Output Voltage
1.1
%
PWRGD Output Low Voltage
IPWRGD = 50μA
l
140
250
mV
CT Pin Charging Current
l
36
μA
CT Pin Voltage Differential
VCT(PWRGD High) – VCT(PWRGD Low)
1.67
V
Ripple Rejection
VIN = 7V (Avg), VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz, ILOAD = 50mA
65
85
dB
Current Limit
VIN = 7V, VOUT = 0V
VIN = 4V, ΔVOUT = –0.1V (Note 2)
l
60
140
mA
mA
Input Reverse Leakage Current
VIN = –80V, VOUT = 0V
l
6mA
Reverse Output Current (Note 9)
VOUT = 1.24V, VIN < 1.24V (Note 2)
8
15
μA
ELECTRICAL CHARACTERISTICS
The
l denotes the specifications which apply over the –40°C to 125°C operating temperature range, otherwise specifications are TJ = 25°C.
(LT3011E, LT3011I)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
ILOAD = 50mA
l
2.8
4
V
ADJ Pin Voltage (Notes 2, 3)
VIN = 3V, ILOAD = 1mA
4V < VIN < 80V, 1mA < ILOAD < 50mA
l
1.228
1.215
1.24
1.24
1.252
1.265
V
V
Line Regulation (Note 2)
ΔVIN = 3V to 80V, ILOAD = 1mA
l
112
mV
Load Regulation (Note 2)
VIN = 4V, ΔILOAD = 1mA to 50mA
VIN = 4V, ΔILOAD = 1mA to 50mA
l
615
25
mV
mV
ELECTRICAL CHARACTERISTICS
The
l denotes the specifications which apply over the –40°C to 150°C operating temperature range, otherwise specifications are TJ = 25°C.
(LT3011H)


Similar Part No. - LT3011EDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3011 LINER-LT3011 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results

Similar Description - LT3011EDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3010 LINER-LT3010_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010-5 LINER-LT3010-5_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010_1 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3013 LINER-LT3013_15 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B_15 Datasheet
179Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_09 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013 Datasheet
228Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B Datasheet
224Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com