Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3011EDDPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT3011EDDPBF
Description  50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3011EDDPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT3011EDDPBF Datasheet HTML 4Page - Linear Technology LT3011EDDPBF Datasheet HTML 5Page - Linear Technology LT3011EDDPBF Datasheet HTML 6Page - Linear Technology LT3011EDDPBF Datasheet HTML 7Page - Linear Technology LT3011EDDPBF Datasheet HTML 8Page - Linear Technology LT3011EDDPBF Datasheet HTML 9Page - Linear Technology LT3011EDDPBF Datasheet HTML 10Page - Linear Technology LT3011EDDPBF Datasheet HTML 11Page - Linear Technology LT3011EDDPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT3011
8
3011f
PIN FUNCTIONS
OUT (Pin 1/Pin 2): Output. The output supplies power to
the load. A minimum output capacitor of 1μF is required
to prevent oscillations. Larger capacitors will be required
for applications with large transient loads to limit peak
voltage transients. See the Applications Information
section for more information on output capacitance and
reverse output characteristics.
ADJ (Pin 2/Pin 3): Adjust. This is the input to the error
amplifier. This pin is internally clamped to ±7V. It has a
bias current of 30nA which flows into the pin (see the
curve labeled ADJ Pin Bias Current vs Temperature in the
Typical Performance Characteristics section). The ADJ
pin voltage is 1.24V referenced to ground, and the output
voltage range is 1.24V to 60V.
GND (Pins 3, 11/Pins 4, 13): Ground. The exposed back-
side of the package (Pin 11/Pin 13) is an electrical connec-
tion for GND. As such, to ensure optimum device opera-
tion and thermal performance, the Exposed Pad must be
connected directly to Pin 3/Pin 4 on the PC board.
NC (Pins 4, 7, 9/Pins 1, 5, 8, 10, 12): No Connection.
These pins have no internal connection. Connecting NC
pins to a copper area for heat dissipation provides a small
improvement in thermal performance.
PWRGD (Pin 5/Pin 6): Power Good. The PWRGD flag is
an open-collector flag to indicate that the output voltage
has increased above 90% of the nominal output voltage.
There is no internal pull-up on this pin; a pull-up resistor
must be used. The PWRGD pin will change state from an
open-collector pull-down to high impedance after both
the output is above 90% of the nominal voltage and the
capacitor on the CT pin has charged through a 1.67V dif-
ferential. The maximum pull-down current of the PWRGD
pin in the low state is 50μA.
CT (Pin 6/Pin 7): Timing Capacitor. The CT pin allows the
use of a small capacitor to delay the timing between the
point where the output crosses the PWRGD threshold and
the PWRGD flag changes to a high impedance state. Cur-
rent out of this pin during the charging phase is 3μA. The
voltage difference between the PWRGD low and PWRGD
high states is 1.67V (see the Applications Information
section).
SHDN (Pin 8/Pin 9): Shutdown. The SHDN pin is used
to put the LT3011 into a low power shutdown state. The
output will be off when the SHDN pin is pulled low. The
SHDNpincanbedriveneitherby5Vlogicoropen-collector
logic with a pull-up resistor. The pull-up resistor is only
required to supply the pull-up current of the open-collec-
tor gate, normally several microamperes. If unused, the
SHDN pin must be tied to a logic high or VIN.
IN (Pin 10/Pin 11): Input. Power is supplied to the device
through the IN pin. A bypass capacitor is required on this
pin if the device is more than six inches away from the
main input filter capacitor. In general, the output imped-
ance of a battery rises with frequency, so it is advisable to
include a bypass capacitor in battery-powered circuits. A
bypass capacitor in the range of 1μF to 10μF is sufficient.
The LT3011 is designed to withstand reverse voltages
on the IN pin with respect to ground and the OUT pin. In
the case of a reverse input voltage, which can occur if a
battery is plugged in backwards, the LT3011 will act as if
there is a diode in series with its input. There will be no
reverse current flow into the LT3011 and no reverse volt-
age will appear at the load. The device will protect both
itself and the load.
Exposed Pad (Pin 11/Pin 13): Ground. The Exposed Pad
must be soldered to the PCB.
(DFN/MSOP)


Similar Part No. - LT3011EDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3011 LINER-LT3011 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results

Similar Description - LT3011EDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3010 LINER-LT3010_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010-5 LINER-LT3010-5_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010_1 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3013 LINER-LT3013_15 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B_15 Datasheet
179Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_09 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013 Datasheet
228Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B Datasheet
224Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com