Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3009IDC-1.5-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT3009IDC-1.5-PBF
Description  3關A IQ, 20mA Low Dropout Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3009IDC-1.5-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT3009IDC-1.5-PBF Datasheet HTML 3Page - Linear Technology LT3009IDC-1.5-PBF Datasheet HTML 4Page - Linear Technology LT3009IDC-1.5-PBF Datasheet HTML 5Page - Linear Technology LT3009IDC-1.5-PBF Datasheet HTML 6Page - Linear Technology LT3009IDC-1.5-PBF Datasheet HTML 7Page - Linear Technology LT3009IDC-1.5-PBF Datasheet HTML 8Page - Linear Technology LT3009IDC-1.5-PBF Datasheet HTML 9Page - Linear Technology LT3009IDC-1.5-PBF Datasheet HTML 10Page - Linear Technology LT3009IDC-1.5-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3009 Series
7
3009fb
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
ADJ Pin Bias Current
Adjustable Version
Quiescent Current
Output Voltage
LT3009-5
TEMPERATURE (°C)
3009 G07
5.000
5.100
4.925
4.950
5.050
4.975
4.900
5.075
5.025
–50 –25
0
25
50
75
100 125 150
ILOAD = 100μA
–10
–8
–4
–6
–2
0
2
4
6
8
10
TEMPERATURE (°C)
3009 G08
–50 –25
0
25
50
75
100 125 150
0
1
3
2
4
5
6
TEMPERATURE (°C)
3009 G09
–50 –25
0
25
50
75
100 125 150
Quiescent Current
Quiescent Current
GND Pin Current
LT3009-1.2
0
200
450
500
2
4
6
100
350
150
400
50
0
300
250
1
3
8
10
5
7
9
3009 G31
INPUT VOLTAGE (V)
RL = 60Ω, IL = 20mA
RL = 120Ω, IL = 10mA
RL = 1.2k, IL = 1mA
RL = 12k, IL = 100μA
0
8
18
20
2
4
6
4
14
6
16
2
0
12
10
1
3
8
10
5
7
9
3009 G10
INPUT VOLTAGE (V)
LT3009-1.2
LT3009-1.5
LT3009-1.8
0
8
18
20
2
4
6
4
14
6
16
2
0
12
10
1
3
8
10
5
7
9
3009 G30
INPUT VOLTAGE (V)
LT3009-2.5
LT3009-3.3
LT3009-5


Similar Part No. - LT3009IDC-1.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3009 LINER-LT3009 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3009 LINER-LT3009 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LT3009 LINER-LT3009 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3009 LINER-LT3009 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3009 LINER-LT3009 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
More results

Similar Description - LT3009IDC-1.5-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3009 LINER-LT3009_12 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008_12 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008 LINER-LT3008_1 Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT3008 LINER-LT3008 Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007_15 Datasheet
341Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators
logo
Maxim Integrated Produc...
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com