Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3009IDC-3.3-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT3009IDC-3.3-PBF
Description  3關A IQ, 20mA Low Dropout Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3009IDC-3.3-PBF Datasheet(HTML) 1 Page - Linear Technology

  LT3009IDC-3.3-PBF Datasheet HTML 1Page - Linear Technology LT3009IDC-3.3-PBF Datasheet HTML 2Page - Linear Technology LT3009IDC-3.3-PBF Datasheet HTML 3Page - Linear Technology LT3009IDC-3.3-PBF Datasheet HTML 4Page - Linear Technology LT3009IDC-3.3-PBF Datasheet HTML 5Page - Linear Technology LT3009IDC-3.3-PBF Datasheet HTML 6Page - Linear Technology LT3009IDC-3.3-PBF Datasheet HTML 7Page - Linear Technology LT3009IDC-3.3-PBF Datasheet HTML 8Page - Linear Technology LT3009IDC-3.3-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LT3009 Series
1
3009fb
TEMPERATURE (°C)
400
3009 TA01b
200
100
50
0
500
300
250
150
4.0
350
3.5
2.0
1.0
0.5
0
5.0
450
4.5
3.0
2.5
1.5
IQ
–50 –25
0
25
50
75
100 125 150
ILOAD = 20mA
DROPOUT
VOLTAGE
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
3µA IQ, 20mA
Low Dropout Linear Regulators
The LT®3009 Series are micropower, low dropout voltage
(LDO) linear regulators. The devices supply 20mA out-
put current with a dropout voltage of 280mV. No-load
quiescent current is 3μA. Ground pin current remains
at less than 5% of output current as load increases. In
shutdown, quiescent current is less than 1μA.
The LT3009 regulators optimize stability and transient
response with low ESR ceramic capacitors, requiring a
minimum of only 1μF. The regulators do not require the
addition of ESR as is common with other regulators.
Internal protection circuitry includes current limiting,
thermal limiting, reverse-battery protection and reverse-
current protection.
The LT3009 Series are ideal for applications that re-
quire moderate output drive capability coupled with
ultralow standby power consumption. The device is
available in fixed output voltages of 1.2V, 1.5V, 1.8V,
2.5V, 3.3V and 5V, and as an adjustable device with
an output voltage range down to the 600mV refer-
ence. The LT3009 is available in the 6-lead DFN and
8-lead SC70 packages.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
3.3V, 20mA Supply with Shutdown
n Ultralow Quiescent Current: 3μA
n Input Voltage Range: 1.6V to 20V
n Output Current: 20mA
n Dropout Voltage: 280mV
n Adjustable Output (VADJ = VOUT(MIN) = 600mV)
n Fixed Output Voltages: 1.2V, 1.5V, 1.8V, 2.5V,
3.3V, 5V
n Output Tolerance: ±2% Over Load, Line and
Temperature
n Stable with Low ESR, Ceramic Output Capacitors
(1μF minimum)
n Shutdown Current: <1μA
n Current Limit Protection
n Reverse-Battery Protection
n Thermal Limit Protection
n 8-Lead SC70 and 2mm
× 2mm DFN Packages
n Low Current Battery-Powered Systems
n Keep-Alive Power Supplies
n Remote Monitoring
Utility Meters
Hotel Door Locks
IN
SHDN
1μF
3009 TA01a
OUT
VIN
3.75V TO
20V
GND
LT3009-3.3
VOUT
3.3V
20mA
1μF
Dropout Voltage/Quiescent Current


Similar Part No. - LT3009IDC-3.3-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3009 LINER-LT3009 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3009 LINER-LT3009 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LT3009 LINER-LT3009 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3009 LINER-LT3009 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3009 LINER-LT3009 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
More results

Similar Description - LT3009IDC-3.3-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3009 LINER-LT3009_12 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008_12 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008 LINER-LT3008_1 Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT3008 LINER-LT3008 Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007_15 Datasheet
341Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators
logo
Maxim Integrated Produc...
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com