Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3012EFE-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT3012EFE-PBF
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3012EFE-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3012EFE-PBF Datasheet HTML 5Page - Linear Technology LT3012EFE-PBF Datasheet HTML 6Page - Linear Technology LT3012EFE-PBF Datasheet HTML 7Page - Linear Technology LT3012EFE-PBF Datasheet HTML 8Page - Linear Technology LT3012EFE-PBF Datasheet HTML 9Page - Linear Technology LT3012EFE-PBF Datasheet HTML 10Page - Linear Technology LT3012EFE-PBF Datasheet HTML 11Page - Linear Technology LT3012EFE-PBF Datasheet HTML 12Page - Linear Technology LT3012EFE-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT3012
9
3012fd
APPLICATIONS INFORMATION
The adjustable device is tested and specified with the
ADJ pin tied to the OUT pin and a 5μA DC load (unless
otherwise specified) for an output voltage of 1.24V. Speci-
fications for output voltages greater than 1.24V will be
proportional to the ratio of the desired output voltage to
1.24V; (VOUT/1.24V). For example, load regulation for an
output current change of 1mA to 250mA is –7mV typical at
VOUT = 1.24V. At VOUT = 12V, load regulation is:
(12V/1.24V) • (–7mV) = –68mV
Output Capacitance and Transient Response
The LT3012 is designed to be stable with a wide range of
output capacitors. The ESR of the output capacitor affects
stability, most notably with small capacitors. A minimum
output capacitor of 3.3μF with an ESR of 3Ω or less is
recommended to prevent oscillations. The LT3012 is a
micropower device and output transient response will be
a function of output capacitance. Larger values of output
capacitance decrease the peak deviations and provide
Figure 1. Adjustable Operation
improved transient response for larger load current
changes. Bypass capacitors, used to decouple individual
components powered by the LT3012, will increase the
effective output capacitor value.
Extra consideration must be given to the use of ceramic
capacitors. Ceramic capacitors are manufactured with a
variety of dielectrics, each with different behavior across
temperature and applied voltage. The most common
dielectrics used are specified with EIA temperature char-
acteristic codes of Z5U, Y5V, X5R and X7R. The Z5U and
Y5V dielectrics are good for providing high capacitances
in a small package, but they tend to have strong voltage
and temperature coefficients as shown in Figures 2 and 3.
When used with a 5V regulator, a 16V 10μF Y5V capacitor
can exhibit an effective value as low as 1μF to 2μF for the
DC bias voltage applied and over the operating tempera-
ture range. The X5R and X7R dielectrics result in more
stable characteristics and are more suitable for use as the
output capacitor. The X7R type has better stability across
temperature, while the X5R is less expensive and is avail-
able in higher values. Care still must be exercised when
using X5R and X7R capacitors; the X5R and X7R codes
only specify operating temperature range and maximum
capacitance change over temperature. Capacitance change
due to DC bias with X5R and X7R capacitors is better than
Y5V and Z5U capacitors, but can still be significant enough
to drop capacitor values below appropriate levels. Capaci-
tor DC bias characteristics tend to improve as component
case size increases, but expected capacitance at operating
voltage should be verified.
Figure 2. Ceramic Capacitor DC Bias Characteristics
Figure 3. Ceramic Capacitor Temperature Characteristics
VIN
3012 F01
VOUT
R2
R1
+
R2
R1
VOUT = 1.24V
VADJ = 1.24V
IADJ = 30nA AT 25°C
OUTPUT RANGE = 1.24V TO 60V
+ (IADJ)(R2)
1 +
IN
LT3012
OUT
ADJ
GND
DC BIAS VOLTAGE (V)
3012 F02
20
0
–20
–40
–60
–80
–100
0
4
8
10
26
12
14
X5R
Y5V
16
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF
TEMPERATURE (°C)
–50
40
20
0
–20
–40
–60
–80
–100
25
75
3012 F03
–25
0
50
100
125
Y5V
X5R
BOTH CAPACITORS ARE 16V,
1210 CASE SIZE, 10μF


Similar Part No. - LT3012EFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3012 LINER-LT3012 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3012 LINER-LT3012 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3012 LINER-LT3012 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3012B LINER-LT3012B Datasheet
214Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012B LINER-LT3012B Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
More results

Similar Description - LT3012EFE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3012B LINER-LT3012B Datasheet
214Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012B LINER-LT3012B_15 Datasheet
220Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012 LINER-LT3012_15 Datasheet
188Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3013 LINER-LT3013 Datasheet
228Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B Datasheet
224Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B_15 Datasheet
179Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_09 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_15 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013MPFE LINER-LT3013MPFE Datasheet
212Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com