Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3011IDDTRPBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3011IDDTRPBF
Description  50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3011IDDTRPBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3011IDDTRPBF Datasheet HTML 2Page - Linear Technology LT3011IDDTRPBF Datasheet HTML 3Page - Linear Technology LT3011IDDTRPBF Datasheet HTML 4Page - Linear Technology LT3011IDDTRPBF Datasheet HTML 5Page - Linear Technology LT3011IDDTRPBF Datasheet HTML 6Page - Linear Technology LT3011IDDTRPBF Datasheet HTML 7Page - Linear Technology LT3011IDDTRPBF Datasheet HTML 8Page - Linear Technology LT3011IDDTRPBF Datasheet HTML 9Page - Linear Technology LT3011IDDTRPBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT3011
6
3011f
TYPICAL PERFORMANCE CHARACTERISTICS
SHDN Pin Current
SHDN Pin Current
ADJ Pin Bias Current
PWRGD Trip Point
PWRGD Output Low Voltage
CT Charging Current
CT Comparator Threshold
Current Limit
Current Limit
TJ = 25°C, unless otherwise noted.
SHDN PIN VOLTAGE (V)
0
0.16
0.20
0.24
3.5
0.12
0.08
12
0.5
4.5
1.5
2.5
4
35
0.04
0
0.28
3011 G10
TJ = 25°C
CURRENT FLOWS
OUT OF SHDN PIN
TEMPERATURE (°C)
3011 G11
0.4
0.2
0.1
0
0.6
0.5
0.3
–50
0
50
75
–25
25
100
150
125
VSHDN = 0V
CURRENT FLOWS
OUT OF SHDN PIN
TEMPERATURE (°C)
3011 G12
80
40
20
0
120
100
60
–50
0
50
75
–25
25
100
150
125
TEMPERATURE (°C)
–50
85
87
89
91
–25
0
25
50
100
75
125
93
95
86
88
90
92
94
150
3011 G13
OUTPUT
RISING
OUTPUT
FALLING
TEMPERATURE (°C)
–50
0
40
80
120
–25
0
25
50
100
75
125
160
200
20
60
100
140
180
150
3011 G18
VIN = 7V
VOUT = 0V
INPUT VOLTAGE (V)
0
40
80
120
160
20
60
100
140
180
3011 G17
07
24
19
35
8
610
VOUT = 0V
TJ = 25°C
TEMPERATURE (°C)
–50
0
0.4
0.8
1.2
–25
0
25
50
100
75
125
1.6
2.0
0.2
0.6
1.0
1.4
1.8
150
3011 G16
VCT(HIGH)
VCT(LOW)
TEMPERATURE (°C)
–50
3.5
25
3011 G15
2.0
1.0
–25
0
50
0.5
0
4.0
3.0
2.5
1.5
75
100 125 150
PWRGD TRIPPED HIGH
TEMPERATURE (°C)
–50
0
40
80
120
–25
0
25
50
100
75
125
160
200
20
60
100
140
180
150
3011 G14
IPWRGD = 50μA


Similar Part No. - LT3011IDDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3011 LINER-LT3011 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results

Similar Description - LT3011IDDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3011 LINER-LT3011_15 Datasheet
236Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3010 LINER-LT3010_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010-5 LINER-LT3010-5_15 Datasheet
410Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3010 LINER-LT3010_1 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3013 LINER-LT3013_15 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B_15 Datasheet
179Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_09 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013 Datasheet
228Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B Datasheet
224Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com