Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3009IDC-1.2-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT3009IDC-1.2-TRPBF
Description  3關A IQ, 20mA Low Dropout Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3009IDC-1.2-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3009IDC-1.2-TRPBF Datasheet HTML 5Page - Linear Technology LT3009IDC-1.2-TRPBF Datasheet HTML 6Page - Linear Technology LT3009IDC-1.2-TRPBF Datasheet HTML 7Page - Linear Technology LT3009IDC-1.2-TRPBF Datasheet HTML 8Page - Linear Technology LT3009IDC-1.2-TRPBF Datasheet HTML 9Page - Linear Technology LT3009IDC-1.2-TRPBF Datasheet HTML 10Page - Linear Technology LT3009IDC-1.2-TRPBF Datasheet HTML 11Page - Linear Technology LT3009IDC-1.2-TRPBF Datasheet HTML 12Page - Linear Technology LT3009IDC-1.2-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3009 Series
9
3009fb
300
400
500
200
100
250
350
450
150
50
0
3009 G16
SHDN PIN VOLTAGE (V)
4
8
12
16
20
2
0
6
10
14
18
SHDN Pin Thresholds
SHDN Pin Input Current
SHDN Pin Input Current
Current Limit
0
200
600
400
800
1000
1200
1400
1600
TEMPERATURE (°C)
3009 G17
–50 –25
0
25
50
75
100 125 150
VSHDN = 20V
0
10
30
20
40
50
60
70
TEMPERATURE (°C)
3009 G18
–50 –25
0
25
50
75
100 125 150
VIN = 1.6V
VIN = 20V
0
0.2
0.6
0.4
0.8
1.0
1.2
1.4
TEMPERATURE (°C)
3009 G15
–50 –25
0
25
50
75
100 125 150
OFF TO ON
ON TO OFF
Reverse Output Current
Input Ripple Rejection
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
0
5
15
10
20
25
30
35
40
45
50
TEMPERATURE (°C)
3009 G19
OUT
ADJ
–50 –25
0
25
50
75
100 125 150
OUT = ADJ = 1.2V
IN = SHDN = GND
FREQUENCY (Hz)
0
10
30
40
50
90
20
60
70
80
3009 G20
4.7μF
1μF
10
100
1k
10k
100k
1M
VIN = 2V + 50mVRMS
VOUT = 600mV
ILOAD = 20mA


Similar Part No. - LT3009IDC-1.2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3009 LINER-LT3009 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3009 LINER-LT3009 Datasheet
405Kb / 18P
   Piezoelectric Energy Harvesting Power Supply with 14V Minimum VIN
LT3009 LINER-LT3009 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3009 LINER-LT3009 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3009 LINER-LT3009 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
More results

Similar Description - LT3009IDC-1.2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3009 LINER-LT3009_12 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008_12 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3008 LINER-LT3008_1 Datasheet
455Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT3008 LINER-LT3008 Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007_15 Datasheet
341Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators
logo
Maxim Integrated Produc...
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com