Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3012HFE-TRPBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3012HFE-TRPBF
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3012HFE-TRPBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3012HFE-TRPBF Datasheet HTML 7Page - Linear Technology LT3012HFE-TRPBF Datasheet HTML 8Page - Linear Technology LT3012HFE-TRPBF Datasheet HTML 9Page - Linear Technology LT3012HFE-TRPBF Datasheet HTML 10Page - Linear Technology LT3012HFE-TRPBF Datasheet HTML 11Page - Linear Technology LT3012HFE-TRPBF Datasheet HTML 12Page - Linear Technology LT3012HFE-TRPBF Datasheet HTML 13Page - Linear Technology LT3012HFE-TRPBF Datasheet HTML 14Page - Linear Technology LT3012HFE-TRPBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT3012
11
3012fd
For an application with transient high power peaks, average
power dissipation can be used for junction temperature
calculations as long as the pulse period is significantly less
than the thermal time constant of the device and board.
Calculating Junction Temperature
Example 1: Given an output voltage of 5V, an input volt-
age range of 24V to 30V, an output current range of 0mA
to 50mA, and a maximum ambient temperature of 50°C,
what will the maximum junction temperature be?
The power dissipated by the device will be equal to:
IOUT(MAX) • (VIN(MAX) – VOUT) + (IGND • VIN(MAX))
where:
IOUT(MAX) = 50mA
VIN(MAX) = 30V
IGND at (IOUT = 50mA, VIN = 30V) = 1mA
So:
P = 50mA • (30V – 5V) + (1mA • 30V) = 1.28W
The thermal resistance will be in the range of 40°C/W to
62°C/W depending on the copper area. So the junction
temperature rise above ambient will be approximately
equal to:
1.31W • 50°C/W = 65.5°C
The maximum junction temperature will then be equal to
the maximum junction temperature rise above ambient
plus the maximum ambient temperature or:
TJMAX = 50°C + 65.5°C = 115.5°C
Example 2: Given an output voltage of 5V, an input voltage
of 48V that rises to 72V for 5ms(max) out of every 100ms,
and a 5mA load that steps to 50mA for 50ms out of every
250ms, what is the junction temperature rise above ambi-
ent? Using a 500ms period (well under the time constant
of the board), power dissipation is as follows:
P1(48V in, 5mA load) = 5mA • (48V – 5V)
+ (200μA • 48V) = 0.23W
P2(48V in, 50mA load) = 50mA • (48V – 5V)
+ (1mA • 48V) = 2.20W
APPLICATIONS INFORMATION
P3(72V in, 5mA load) = 5mA • (72V – 5V)
+ (200μA • 72V) = 0.35W
P4(72V in, 50mA load) = 50mA • (72V – 5V)
+ (1mA • 72V) = 3.42W
Operation at the different power levels is as follows:
76% operation at P1, 19% for P2, 4% for P3, and
1% for P4.
PEFF = 76%(0.23W) + 19%(2.20W) + 4%(0.35W)
+ 1%(3.42W) = 0.64W
With a thermal resistance in the range of 40°C/W to
62°C/W, this translates to a junction temperature rise
above ambient of 26°C to 38°C.
High Temperature Operation
Care must be taken when designing LT3012 applications to
operate at high ambient temperatures. The LT3012 works
at elevated temperatures but erratic operation can occur
due to unforeseen variations in external components. Some
tantalum capacitors are available for high temperature
operation, but ESR is often several ohms; capacitor ESR
above 3Ω is unsuitable for use with the LT3012. Ceramic
capacitor manufacturers (Murata, AVX, TDK, and Vishay
Vitramon at this writing) now offer ceramic capacitors that
are rated to 150°C using an X8R dielectric. Device instability
will occur if output capacitor value and ESR are outside
design limits at elevated temperature and operating DC
voltage bias (see information on capacitor characteristics
under Output Capacitance and Transient Response). Check
each passive component for absolute value and voltage
ratings over the operating temperature range.
Leakages in capacitors or from solder flux left after
insuficient board cleaning adversely affects low
quiescent current operation. The output voltage resistor
divider should use a maximum bottom resistor value of
124k to compensate for high temperature leakage, setting
divider current to 10μA. Consider junction temperature
increase due to power dissipation in both the junction and
nearby components to ensure maximum specifications are
not violated for the device or external components.


Similar Part No. - LT3012HFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3012H LINER-LT3012H Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results

Similar Description - LT3012HFE-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3012B LINER-LT3012B Datasheet
214Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012B LINER-LT3012B_15 Datasheet
220Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012 LINER-LT3012_15 Datasheet
188Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3013 LINER-LT3013 Datasheet
228Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B Datasheet
224Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B_15 Datasheet
179Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_09 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_15 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013MPFE LINER-LT3013MPFE Datasheet
212Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com