Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3012EDE-TR Datasheet(PDF) 6 Page - Linear Technology

Part # LT3012EDE-TR
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3012EDE-TR Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3012EDE-TR Datasheet HTML 2Page - Linear Technology LT3012EDE-TR Datasheet HTML 3Page - Linear Technology LT3012EDE-TR Datasheet HTML 4Page - Linear Technology LT3012EDE-TR Datasheet HTML 5Page - Linear Technology LT3012EDE-TR Datasheet HTML 6Page - Linear Technology LT3012EDE-TR Datasheet HTML 7Page - Linear Technology LT3012EDE-TR Datasheet HTML 8Page - Linear Technology LT3012EDE-TR Datasheet HTML 9Page - Linear Technology LT3012EDE-TR Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT3012
6
3012fd
TYPICAL PERFORMANCE CHARACTERISTICS
GND Pin Current vs ILOAD
SHDN Pin Threshold
SHDN Pin Current
SHDN Pin Current
ADJ Pin Bias Current
Current Limit
Current Limit
Reverse Output Current
Reverse Output Current
LOAD CURRENT (mA)
0
6
8
10
3012 G10
4
2
5
7
9
3
1
0
100
50
200
150
250
VIN = 4.75V
TJ = 25°C
VOUT = 1.24V
TEMPERATURE (°C)
1.4
3012 G11
0.8
0.4
0.2
0
2.0
1.8
1.6
1.2
1.0
0.6
–50
0
50
75
–25
25
100
150
125
OFF-TO-ON
ON-TO-OFF
SHDN PIN VOLTAGE (V)
0
0.2
0.4
0.6
0.1
0.3
0.5
1.0
2.0
3012 G12
3.0
0.5
0
1.5
2.5
TJ = 25°C
CURRENT FLOWS
OUT OF SHDN PIN
TEMPERATURE (°C)
3012 G13
0.4
0.2
0.1
0
0.6
0.5
0.3
–50
0
50
75
–25
25
100
150
125
VIN = 6V
VSHDN = 0V
CURRENT FLOWS
OUT OF SHDN PIN
TEMPERATURE (°C)
3012 G14
100
80
20
40
60
0
120
–50
0
50
75
–25
25
100
150
125
INPUT VOLTAGE (V)
0
600
800
1000
3012 G15
400
200
500
700
900
300
100
0
20
10
40
30
60
70
50
80
TJ = 25°C
TJ = 125°C
VOUT = 0V
TEMPERATURE (°C)
0
3012 G16
600
400
200
500
700
300
100
–50
0
50
75
–25
25
100
150
125
VIN = 7V
VOUT = 0V
OUTPUT VOLTAGE (V)
0
120
160
200
8
3012 G17
80
40
100
140
180
60
20
0
2
1
4
3
67
9
5
10
TJ = 25°C
VIN = 0V
VOUT = VADJ
CURRENT FLOWS
INTO OUTPUT PIN
ADJ
PIN CLAMP
(SEE APPLICATIONS
INFORMATION)
TEMPERATURE (°C)
3012 G18
–50
0
50
75
–25
25
100
150
125
VIN = 0V
VOUT = VADJ = 1.24V
100
80
20
40
60
0
120


Similar Part No. - LT3012EDE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3012 LINER-LT3012 Datasheet
405Kb / 18P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
LT3012 LINER-LT3012 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3012 LINER-LT3012 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3012B LINER-LT3012B Datasheet
214Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012B LINER-LT3012B Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
More results

Similar Description - LT3012EDE-TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3012B LINER-LT3012B Datasheet
214Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012B LINER-LT3012B_15 Datasheet
220Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3012 LINER-LT3012_15 Datasheet
188Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator
LT3013 LINER-LT3013 Datasheet
228Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B Datasheet
224Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013B LINER-LT3013B_15 Datasheet
179Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_09 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013 LINER-LT3013_15 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT3013MPFE LINER-LT3013MPFE Datasheet
212Kb / 16P
   250mA, 4V to 80V Low Dropout Micropower
LT3010 LINER-LT3010 Datasheet
244Kb / 16P
   50mA, 3V to 80V Low Dropout Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com