Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7107AIJL Datasheet(PDF) 7 Page - TelCom Semiconductor, Inc

Part # TC7107AIJL
Description  3-1/2 DIGIT A/D CONVERTERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7107AIJL Datasheet(HTML) 7 Page - TelCom Semiconductor, Inc

Back Button TC7107AIJL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7107AIJL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7107AIJL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7107AIJL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7107AIJL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7107AIJL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7107AIJL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7107AIJL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7107AIJL Datasheet HTML 11Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
3-189
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
The dual slope converter accuracy is unrelated to the
integrating resistor and capacitor values as long as they are
stable during a measurement cycle. An inherent benefit is
noise immunity. Noise spikes are integrated or averaged to
zero during the integration periods. Integrating ADCs are
immune to the large conversion errors that plague succes-
sive approximation converters in high-noise environments.
Interfering signals with frequency components at multiples
of the averaging period will be attenuated. Integrating ADCs
commonly operate with the signal integration period set to a
multiple of the 50/60 Hz power line period. (Figure 2B)
Figure 2B. Normal-Mode Rejection of Dual Slope Converter
ANALOG SECTION
In addition to the basic signal integrate and deintegrate
cycles discussed, the circuit incorporates an auto-zero
cycle. This cycle removes buffer amplifier, integrator, and
comparator offset voltage error terms from the conversion.
A true digital zero reading results without adjusting external
potentiometers. A complete conversion consists of three
cycles: an auto-zero, signal-integrate and reference-inte-
grate cycle.
Auto-Zero Cycle
During the auto-zero cycle the differential input signal is
disconnected from the circuit by opening internal analog
gates. The internal nodes are shorted to analog common
(ground) to establish a zero-input condition. Additional ana-
log gates close a feedback loop around the integrator and
comparator. This loop permits comparator offset voltage
error compensation. The voltage level established on CAZ
compensates for device offset voltages. The offset error
referred to the input is less than 10
µV.
The auto-zero cycle length is 1000 to 3000 counts.
30
20
10
0
0.1/T
1/T
10/T
INPUT FREQUENCY
T = MEASUREMENT PERIOD
Signal Integrate Cycle
When the auto-zero loop is opened, the internal differ-
ential inputs connect to V+
IN and V
IN. The differential input
signal is integrated for a fixed time period. The signal
integration period is 1000 counts. The externally set clock
frequency is divided by four before clocking the internal
counters. The integration time period is:
TSI =
x 1000
where:
fOSC = External Clock Frequency
The differential input voltage must be within the device
common-mode range (1V of either supply) when the con-
verter and measured system share the same power supply
common (ground). If the converter and measured system do
not share the same power supply common, V
IN should be
tied to analog common.
Polarity is determined at the end of the signal integrate
phase. The sign bit is a true polarity indication in that signals
less than 1 LSB are correctly determined. This allows
precision null detection, limited only by device noise and
auto-zero residual offsets.
Reference Integrate Cycle
The final phase is reference integrate or de-integrate.
V
IN is internally connected to analog common and V
+
IN is
connected across the previously charged reference capaci-
tor. Circuitry within the chip ensures that the capacitor will be
connected with the correct polarity to cause the integrator
output to return to zero. The time required for the output to
return to zero is proportional to the input signal and is
between 0 and 2000 counts. The digital reading displayed is:
DIGITAL SECTION (TC7106A)
The TC7106A (Figure 3) contains all the segment driv-
ers necessary to directly drive a 3 -1/2 digit liquid crystal
display (LCD). An LCD backplane driver is included. The
backplane frequency is the external clock frequency divided
by 800. For three conversions/second the backplane fre-
quency is 60Hz with a 5V nominal amplitude. When a
segment driver is in phase with the backplane signal the
segment is “OFF.” An out of phase segment drive signal
causes the segment to be “ON” or visible. This AC drive
configuration results in negligible DC voltage across each
LCD segment. This insures long LCD display life. The
polarity segment driver is “ON” for negative analog inputs. If
V+
IN and V
IN are reversed, this indicator will reverse.
4
fOSC
1000 x
VIN
VREF
TC7106
TC7106A
TC7107
TC7107A
3-1/2 DIGIT A/D CONVERTERS


Similar Part No. - TC7107AIJL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7107AIJL MICROCHIP-TC7107AIJL Datasheet
623Kb / 26P
   3-1/2 Digit Analog-to-Digital Converters
2002
More results

Similar Description - TC7107AIJL

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC14433 TELCOM-TC14433 Datasheet
149Kb / 10P
   3-1/2 DIGIT A/D CONVERTERS
logo
Intersil Corporation
ICL7106 INTERSIL-ICL7106 Datasheet
534Kb / 16P
   3 1/2 Digit, LCD/LED Display, A/D Converters
logo
Wing Shing Computer Com...
WS7106 WINGS-WS7106 Datasheet
323Kb / 14P
   3 1/2 Digit LCD/LED Display A/D Converters
logo
Intersil Corporation
ICL7106CPLZ INTERSIL-ICL7106CPLZ Datasheet
610Kb / 17P
   3 1/2 Digit, LCD/LED Display, A/D Converters
October 24, 2014
logo
National Semiconductor ...
ADC3511 NSC-ADC3511 Datasheet
286Kb / 9P
   3 1/2 DIGIT MICROPROCESSOR COMPATIBLE A/D
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Renesas Technology Corp
CA3162 RENESAS-CA3162 Datasheet
464Kb / 8P
   A/D Converters for 3-Digit Display
logo
Intersil Corporation
CA3162 INTERSIL-CA3162 Datasheet
109Kb / 7P
   A/D Converters for 3-Digit Display
August 1997
CA3162 INTERSIL-CA3162_02 Datasheet
579Kb / 7P
   A/D Converters for 3-Digit Display
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com