Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT64-04 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAT64-04
Description  Silicon Schottky Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT64-04 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT64-04 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Silicon Schottky Diodes
BAT64 series
Features
For low-loss,fast-recovery, meter protection
bias isolation and clamping applications
Integrated diffused guard ring
Low forward current
A b solu te M a xim u m R atings T a = 2 5
P a ra m e te r
S ym bol
M ax
U n it
D iode reverse vo ltage
V R
40
V
F o rw a rd c u rre n t
IF
250
m A
A verage forw a rd curre nt (5 0/60H z,sinus)
IFAV
120
m A
S u rg e fo rw a rd c u rre n t
(t
10 m s )
IFSM
800
m A
T o ta l p ow er dissip atio n T s = 61
P tot
250
m W
Junction te m perature
T j
150
S torage tem pera tu re
T stg
-5 5to+ 1 5 0
Junction am bient (N o te 1)
R th JA
495
KW
Junction sold erin g p oint
R th JS
355
KW
No te
1. P a ckage m o unte d o n e poxy pcb 40m m
4 0 mmm
1.5 m m /0.5cm
2 Cu
Electrical Characteristics Ta = 25
Param eter
Sym bol
Conditions
Min
Typ
Max
Unit
VR =25 V,TA =25
2
VR =25 V,TA =85
200
IF = 1 m A
320
350
m V
IF = 10 m A
385
430
V
IF = 30 m A
440
520
V
IF = 100 m A
570
750
V
Diode capacitance
CT
VR =1V,f = 1MHz
4
6
pF
A
Forward voltage
VF
Reverse current
IR
Marking
Type
BAT64
BAT64-04
BAT64-05
BAT64-06
Marking
63s
64s
65s
66s


Similar Part No. - BAT64-04

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT64-04 SIEMENS-BAT64-04 Datasheet
91Kb / 3P
   Silicon Schottky Diodes (For low-loss, fast-recovery, meter protection, bias isolation and clamping applications Integrated diffused guard ring)
logo
Infineon Technologies A...
BAT64-04 INFINEON-BAT64-04 Datasheet
491Kb / 7P
   Silicon Schottky Diodes
Mar-10-2004
logo
Continental Device Indi...
BAT64-04 CDIL-BAT64-04 Datasheet
139Kb / 4P
   SILICON PLANAR SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT64-04 INFINEON-BAT64-04 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAT64-04 INFINEON-BAT64-04 Datasheet
219Kb / 12P
   For low-loss, fast-recovery, meter protection, bias isolation and clamping application
2007-06-11
More results

Similar Description - BAT64-04

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMRD6263DO CENTRAL-CMRD6263DO_15 Datasheet
855Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT64-E6327 INFINEON-BAT64-E6327 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAT68 INFINEON-BAT68_07 Datasheet
147Kb / 12P
   Silicon Schottky Diodes
2007-04-19
BAT64 INFINEON-BAT64_07 Datasheet
213Kb / 12P
   Silicon Schottky Diodes
2007-06-11
BAS125W INFINEON-BAS125W Datasheet
58Kb / 5P
   Silicon Schottky Diodes
Nov-15-2001
logo
Central Semiconductor C...
CMPD6263 CENTRAL-CMPD6263_15 Datasheet
587Kb / 2P
   SILICON SCHOTTKY DIODES
CMPSH-3CG CENTRAL-CMPSH-3CG_15 Datasheet
397Kb / 2P
   SILICON SCHOTTKY DIODES
CMRSH-4DO CENTRAL-CMRSH-4DO_15 Datasheet
921Kb / 3P
   SILICON SCHOTTKY DIODES
logo
Infineon Technologies A...
BAT-68-E6327 INFINEON-BAT-68-E6327 Datasheet
905Kb / 12P
   Silicon Schottky Diodes
2011-06-15
BAT1503WE6327 INFINEON-BAT1503WE6327 Datasheet
1Mb / 16P
   Silicon Schottky Diodes
2015-01-27
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com