Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC96C555COA Datasheet(PDF) 8 Page - TelCom Semiconductor, Inc

Part # TC96C555COA
Description  3A OUTPUT PROGRAMMABLE POWER OSCILLATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC96C555COA Datasheet(HTML) 8 Page - TelCom Semiconductor, Inc

  TC96C555COA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC96C555COA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC96C555COA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC96C555COA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC96C555COA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC96C555COA Datasheet HTML 6Page - TelCom Semiconductor, Inc TC96C555COA Datasheet HTML 7Page - TelCom Semiconductor, Inc TC96C555COA Datasheet HTML 8Page - TelCom Semiconductor, Inc TC96C555COA Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
4-166
TELCOM SEMICONDUCTOR, INC.
TC96C555
3A OUTPUT PROGRAMMABLE
POWER OSCILLATOR
APPLICATIONS (Cont.)
Figure 5. +5V Buck Regulator Power Supply with 82% Efficiency at 200mA Output
900
700
500
400
300
200
100
20
60 80
10
C in pF
Maximum Frequency
RCHG = 13K, Rdis = 6.8K
40
100
100K
10K
1K
100
10
1
0.1
100pF
.01
µF.1µF
10pF
C in pF
.001
µF
1
µF
Minimum Frequency
RCHG = 200K, Rdis = 100K
30
50
This circuit will convert a 6 to 15V input to a 5V output of
200 milliamps. Normal operating frequency is 50kHz. Peak
to peak ripple is 50 millivolts. A change from 100mA to
200mA produces a 50mV peak change in VOUT, with recov-
ery in 200
µs.
The TC96C555 is used here as a duty cycle modulator
in a buck output circuit. The source current is modulated to
control the duty cycle. Sink current is fixed at 100
µA with a
resistor (R4) of 10K. Transistor Q1, (2N2907A), is used for
current modulation into TC96C555 Pin 4, the charge current
program input. Shunt regulator TL431 is used for voltage
sense and regulation feedback. The TL431 has an internal
reference of 2.495V. Terminal R is compared with this
reference to control conduction of cathode C to anode A. R2
and R3 are selected to give proper bias current to the TL431.
C2 and R7 are for loop compensation and are optimized for
a recovery time of 200
µs. The TC96C555 outputs, Pin 7 and
6, are tied together so that when output is HIGH, current
conducts from VDD Pin 8 to output Pin 7 to charge the
inductor, L1. When output is OFF or LOW, energy stored in
L1 will continue to conduct through TC96C555 Pin 6 to the
lower internal MOSFET and out to Pin 5, the ground return.
This circuit does not have current limiting. A fuse is recom-
mended for protection. Figure 6 shows the duty cycle as a
function of the source current. Figure 8 shows the frequency
vs control voltage.
Figure 4. Typical Maximum and Minimum
Operating Frequency vs. Capacitor
VR1
VREF
VR2
VIN
1
3
5
TC96C555
OUT
OUT
VDD
GND
C1
470pF
2
4
C
R
A
TL431
100K
R7
C2
.1
µF
10K
R6
6
C3
100
µF
7
10K
R5
VOUT
L1, 3mH
R3, 390
+12V
C5
100
µF
C4
.1
µF
R2
560
R1
10K
Q1
2N2907A
8
R4
10K
C6
4.7
µF


Similar Part No. - TC96C555COA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC962 TELCOM-TC962 Datasheet
74Kb / 5P
   HIGH CURRENT CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC962 MICROCHIP-TC962 Datasheet
434Kb / 12P
   High Current Charge Pump DC-to-DC Converter
2002
logo
TelCom Semiconductor, I...
TC962COE TELCOM-TC962COE Datasheet
74Kb / 5P
   HIGH CURRENT CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC962COE MICROCHIP-TC962COE Datasheet
434Kb / 12P
   High Current Charge Pump DC-to-DC Converter
2002
TC962COE MICROCHIP-TC962COE Datasheet
468Kb / 12P
   High Current Charge Pump DC-to-DC Converter
2006
More results

Similar Description - TC96C555COA

ManufacturerPart #DatasheetDescription
logo
Epson Company
SG-8101CGA EPSON-SG-8101CGA Datasheet
1Mb / 8P
   CRYSTAL OSCILLATOR (Programmable) OUTPUT: CMOS
SG-8018 EPSON-SG-8018 Datasheet
1Mb / 8P
   CRYSTAL OSCILLATOR (Programmable) OUTPUT: CMOS
SG-8101 EPSON-SG-8101 Datasheet
1Mb / 8P
   CRYSTAL OSCILLATOR (Programmable) OUTPUT: CMOS
logo
SiTime Corp.
SIT8008B SITIME-SIT8008B Datasheet
1Mb / 17P
   Low Power Programmable Oscillator
SIT8008 SITIME-SIT8008 Datasheet
335Kb / 12P
   Low Power Programmable Oscillator
logo
QUARTZCOM the communica...
MCO-6SP QUARTZCOM-MCO-6SP Datasheet
119Kb / 1P
   SMD Clock Oscillator Programmable Output signal CMOS
logo
Epson Company
SG-9101CGA EPSON-SG-9101CGA Datasheet
1Mb / 8P
   CRYSTAL OSCILLATOR (Programmable) SPREAD SPECTRUM OUTPUT: CMOS
SG-9101 EPSON-SG-9101 Datasheet
1Mb / 8P
   CRYSTAL OSCILLATOR (Programmable) SPREAD SPECTRUM OUTPUT: CMOS
logo
Micrel Semiconductor
DSC8002 MICREL-DSC8002 Datasheet
620Kb / 8P
   Programmable Low-Power CMOS Oscillator
logo
Analog Devices
ADF4355-2 AD-ADF4355-2 Datasheet
962Kb / 38P
   Programmable output power level
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com