Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCN4040C-2.5EZB Datasheet(PDF) 4 Page - TelCom Semiconductor, Inc

Part # TCN4040C-2.5EZB
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TCN4040C-2.5EZB Datasheet(HTML) 4 Page - TelCom Semiconductor, Inc

  TCN4040C-2.5EZB Datasheet HTML 1Page - TelCom Semiconductor, Inc TCN4040C-2.5EZB Datasheet HTML 2Page - TelCom Semiconductor, Inc TCN4040C-2.5EZB Datasheet HTML 3Page - TelCom Semiconductor, Inc TCN4040C-2.5EZB Datasheet HTML 4Page - TelCom Semiconductor, Inc TCN4040C-2.5EZB Datasheet HTML 5Page - TelCom Semiconductor, Inc TCN4040C-2.5EZB Datasheet HTML 6Page - TelCom Semiconductor, Inc TCN4040C-2.5EZB Datasheet HTML 7Page - TelCom Semiconductor, Inc TCN4040C-2.5EZB Datasheet HTML 8Page - TelCom Semiconductor, Inc TCN4040C-2.5EZB Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TCN4040
4
PRELIMINARY INFORMATION
TCN4040-01 6/16/97
PRECISION MICROPOWER
SHUNT VOLTAGE REFERENCE
APPLICATIONS INFORMATION
Available in a space saving SOT-23B-3 surface mount
package, the TCN4040 is a precision micro-power curva-
ture-corrected bandgap shunt voltage reference. The
TCN4040 is designed for stable operation without an exter-
nal capacitor connected between the “+” pin and the “–” pin.
The TCN4040 also remains stable, however, if a bypass
capacitor is used. The minimum operating current increase
is 60mA and the maximum operating current is 15mA.
The TCN4040, in the SOT-23B-3 package has a para-
sitic Schottky diode between pin 3 (–) and pin 1. (Die attach
interface contact). Therefore, pin 1 of the SOT-23B-3 pack-
age must be left floating or connected to pin 3.
In a conventional shunt regulator application, an exter-
nal series resistor (RS) is connected between the supply
voltage and the TCN4040 (Figure 1). RS determines the
current that flows through the load (IL) and the TCN4040
(IQ). Even when the supply voltage is at its minimum, and
the load current is at its maximum value, RS should be small
enough to supply at least the minimum acceptable IQ to the
TCN4040 since load current and supply voltage may vary.
Conversely, when the supply voltage is at its maximum and
IL is at its minimum, RS should be large enough that the
current flowing through the TCN4040 is less than 15mA.
Figure 1. Shunt Regulator
RS
IL
IQ + IL
IQ
VR
VS
TCN4040
RS is determined by the supply voltage, (VS), the load
and operating current, (IL and IQ), and the TCN4040’s
reverse breakdown voltage, VR.
VS – VR
RS =
IL + IQ


Similar Part No. - TCN4040C-2.5EZB

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCN4-13 MINI-TCN4-13 Datasheet
234Kb / 1P
   Ceramic RF Transformer
TCN4-13++ MINI-TCN4-13+ Datasheet
234Kb / 1P
   Ceramic RF Transformer
TCN4-162 MINI-TCN4-162 Datasheet
343Kb / 1P
   RF Transformer
TCN4-162++ MINI-TCN4-162+ Datasheet
343Kb / 1P
   RF Transformer
TCN4-22 MINI-TCN4-22 Datasheet
226Kb / 1P
   Ceramic Balun RF Transformer
More results

Similar Description - TCN4040C-2.5EZB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com