Electronic Components Datasheet Search |
|
XC6416EG20ER Datasheet(PDF) 4 Page - Torex Semiconductor |
|
XC6416EG20ER Datasheet(HTML) 4 Page - Torex Semiconductor |
4 / 30 page 4/30 XC6416 Series PARAMETER SYMBOL RATINGS UNITS Input Voltage VIN - 0.3 ~ + 6.5 V Output Current IOUT1+IOUT2 500 (*1) mA Output Voltage 1 / Output Voltage 2 VOUT1 /VOUT2 VSS - 0.3 VIN + 0.3 V EN1 / EN2 Input Voltage VEN1 /VEN2 VSS - 0.3 ~ + 6.5 V 120 USP-6C 1000 (PCB mounted) (*2) Power Dissipation SOT-26 Pd 250 mW Operating Temperature Range Topr - 40 ~ + 85 ℃ Storage Temperature Range Tstg - 55 ~ + 125 ℃ ■BLOCK DIAGRAMS ■ABSOLUTE MAXIMUM RATINGS * Diodes inside the circuits are ESD protection diodes and parasitic diodes. Ta=25OC < XC6416AA Series > < XC6416CD Series > *1) Please use within the range of Pd > { (VIN-VOUT1)×IOUT1 + (VIN-VOUT2)×IOUT2 } *2) This power dissipation figure shown is PCB mounted and is for reference only. Please refer to page 29 for details. |
Similar Part No. - XC6416EG20ER |
|
Similar Description - XC6416EG20ER |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |